Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FEHKP Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # M38049FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FEHKP Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button M38049FEHKP Datasheet HTML 75Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 76Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 77Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 78Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 79Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 80Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 81Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 82Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 387 page
background image
1-61
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
[I2C Data Shift Register (S0)] 001116
The I2C data shift register (S0: address 001116) is an 8-bit shift
register to store receive data and write transmit data.
When transmit data is written into this register, it is transferred to
the outside from bit 7 in synchronization with the SCL, and each
time one-bit data is output, the data of this register are shifted by
one bit to the left. When data is received, it is input to this register
from bit 0 in synchronization with the SCL, and each time one-bit
data is input, the data of this register are shifted by one bit to the
left. The minimum 2 cycles of the internal clock
φ are required
from the rising of the SCL until input to this register.
The I2C data shift register is in a write enable status only when the
I2C-BUS interface enable bit (ES0 bit) of the I2C control register
(S1D: address 001416) is “1”. The bit counter is reset by a write in-
struction to the I2C data shift register. When both the ES0 bit and
the MST bit of the I2C status register (S1: address 001316) are “1,”
the SCL is output by a write instruction to the I2C data shift regis-
ter. Reading data from the I2C data shift register is always enabled
regardless of the ES0 bit value.
[I2C SlaveAddress Registers 0 to 2 (S0D0 to S0D2)]
0FF716 to 0FF916
The I2C slave address registers 0 to 2 (S0D0 to S0D2: addresses
0FF716 to 0FF916) consists of a 7-bit slave address and a read/
write bit. In the addressing mode, the slave address written in this
register is compared with the address data to be received immedi-
ately after the START condition is detected.
•Bit 0: Read/write bit (RWB)
This is not used in the 7-bit addressing mode. In the 10-bit ad-
dressing mode, set RWB to “0” because the first address data to
be received is compared with the contents (SAD6 to SAD0 +
RWB) of the I2C slave address registers 0 to 2.
When 2-byte address data match slave address, a 7-bit slave ad-
dress which is received after restart condition has detected and
R/W data can be matched by setting “1” to RWB with software.
The RWB is cleared to “0” automatically when the stop condition is
detected.
•Bits 1 to 7: Slave address (SAD0–SAD6)
These bits store slave addresses. Regardless of the 7-bit address-
ing mode or the 10-bit addressing mode, the address data
transmitted from the master is compared with these bits’ contents.
Fig. 57 Structure of I2C slave address registers 0 to 2
SAD6 SAD5 SAD4SAD3SAD2 SAD1 SAD0RWB
Slave address
I2C slave address register 0
(S0D0: address 0FF716)
I2C slave address register 1
(S0D1: address 0FF816)
I2C slave address register 2
(S0D2: address 0FF916)
Read/write bit
b7b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com