Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FEHKP Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # M38049FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FEHKP Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button M38049FEHKP Datasheet HTML 16Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 17Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 18Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 19Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 20Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 21Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 22Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 23Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 387 page
background image
1-2
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
DESCRIPTION
The 3804 group (Spec. H) is the 8-bit microcomputer based on the
740 family core technology.
The 3804 group (Spec. H) is designed for household products, of-
fice automation equipment, and controlling systems that require
analog signal processing, including the A/D converter and D/A
converters.
FEATURES
q Basic machine-language instructions ...................................... 71
q Minimum instruction execution time ................................ 0.24
µs
(at 16.8 MHz oscillation frequency)
q Memory size
Flash memory .............................................................. 60 K bytes
RAM ............................................................................ 2048 bytes
q Programmable input/output ports ............................................ 56
q Software pull-up resistors ................................................. Built-in
q Interrupts
21 sources, 16 vectors .................................................................
(external 8, internal 12, software 1)
q Timers ........................................................................... 16-bit ✕ 1
8-bit ✕ 4
(with 8-bit prescaler)
q Watchdog timer ............................................................ 16-bit ✕ 1
q Serial interface
Serial I/O1, 3 ............... 8-bit ✕ 2 (UART or Clock-synchronized)
Serial I/O2 ................................... 8-bit ✕ 1 (Clock-synchronized)
q PWM ............................................ 8-bit ✕ 1 (with 8-bit prescaler)
q Multi-master I2C-BUS interface ................................... 1 channel
q A/D converter ............................................. 10-bit ✕ 16 channels
(8-bit reading enabled)
q D/A converter .................................................. 8-bit ✕ 2 channels
q LED direct drive port .................................................................. 8
q Clock generating circuit ..................................... Built-in 2 circuits
(connect to external ceramic resonator or quartz-crystal oscillator)
qPower source voltage
In high-speed mode
At 16.8 MHz oscillation frequency ............................ 4.5 to 5.5 V
At 12.5 MHz oscillation frequency ............................ 4.0 to 5.5 V
At 8.4 MHz oscillation frequency) ............................. 2.7 to 5.5 V
In middle-speed mode
At 16.8 MHz oscillation frequency ............................ 4.5 to 5.5 V
At 12.5 MHz oscillation frequency ............................ 2.7 to 5.5 V
In low-speed mode
At 32 kHz oscillation frequency ................................. 2.7 to 5.5 V
qPower dissipation
In high-speed mode ............................................. 27.5 mW (typ.)
(at 16.8 MHz oscillation frequency, at 5 V power source voltage)
In low-speed mode ............................................... 1200
µW (typ.)
(at 32 kHz oscillation frequency, at 3 V power source voltage)
qOperating temperature range .................................... –20 to 85°C
qPackages
SP .................................................. 64P4B (64-pin 750 mil SDIP)
FP ....................................... 64P6N-A (64-pin 14 ✕ 14 mm QFP)
HP ..................................... 64P6Q-A (64-pin 10 ✕ 10 mm LQFP)
KP ..................................... 64P6U-A (64-pin 14 ✕ 14 mm LQFP)
<Flash memory mode>
qPower source voltage ...................................... Vcc = 2.7 to 5.5 V
qProgram/Erase voltage .................................... Vcc = 2.7 to 5.5 V
qProgramming method ...................... Programming in unit of byte
qErasing method ...................................................... Block erasing
qProgram/Erase control by software command
qNumber of times for programming/erasing ............................ 100
sNotes
Cannot be used for application embedded in the MCU card.
Currently support products are listed below.
RAM size (bytes)
Remarks
Package
Table 1 Support products
Product name
Flash memory size
(bytes)
M38049FFHSP
M38049FFHFP
M38049FFHHP
M38049FFHKP
64P4B
64P6N-A
64P6Q-A
64P6U-A
Vcc = 2.7 to 5.5 V
61440
2048
DESCRIPTION/FEATURES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com