Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FEHKP Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # M38049FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FEHKP Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button M38049FEHKP Datasheet HTML 10Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 11Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 12Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 13Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 14Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 15Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 16Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 17Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 387 page
background image
x
3804 Group (Spec.H)
List of figures
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
CHAPTER 3 APPENDIX
Fig. 3.1.1 Circuit for measuring output switching characteristics (1) ................................... 3-12
Fig. 3.1.2 Circuit for measuring output switching characteristics (2) ................................... 3-12
Fig. 3.1.3 Timing diagram (in single-chip mode) ..................................................................... 3-13
Fig. 3.1.4 Timing diagram of multi-master I2C-BUS ................................................................ 3-14
Fig. 3.2.1 Power source current standard characteristics (in high-speed mode) ............... 3-15
Fig. 3.2.2 Power source current standard characteristics (in middle-speed mode) ........... 3-15
Fig. 3.2.3 Power source current standard characteristics (in low-speed mode) ................. 3-16
Fig. 3.2.4 Power source current standard characteristics (in high-speed mode, f(XIN) = 16.8
MHz, WAIT state) ....................................................................................................... 3-16
Fig. 3.2.5 Power source current standard characteristics (in middle-speed mode, f(XIN) = 16.8
MHz, WAIT state) ....................................................................................................... 3-17
Fig. 3.2.6 Power source current standard characteristics (in low-speed mode, WAIT state) ...... 3-17
Fig. 3.2.7 Power source current standard characteristics (in high-speed mode, f(XIN) = 16.8
MHz, A/D converter operating) ................................................................................. 3-18
Fig. 3.2.8 Power source current standard characteristics (at oscillation stopping) ............ 3-18
Fig. 3.2.9 CMOS output port P-channel side characteristics (Ta = 25 °C) ......................... 3-19
Fig. 3.2.10 CMOS output port N-channel side characteristics (Ta = 25 °C) ...................... 3-19
Fig. 3.2.11 N-channel open-drain output port N-channel side characteristics (Ta = 25 °C) .... 3-20
Fig. 3.2.12 CMOS large current output port N-channel side characteristics (Ta = 25 °C) .... 3-20
Fig. 3.2.13 CMOS input port at pull-up characteristics (Ta = 25 °C) .................................. 3-21
Fig. 2.8.7 Relevant registers setting ....................................................................................... 2-136
Fig. 2.8.8 Control procedure ..................................................................................................... 2-137
Fig. 2.9.1 Memory map of registers relevant to watchdog timer ........................................ 2-139
Fig. 2.9.2 Structure of Watchdog timer control register ....................................................... 2-139
Fig. 2.9.3 Structure of CPU mode register ............................................................................ 2-140
Fig. 2.9.4 Watchdog timer connection and division ratio setting ........................................ 2-141
Fig. 2.9.5 Relevant registers setting ....................................................................................... 2-142
Fig. 2.9.6 Control procedure ..................................................................................................... 2-142
Fig. 2.10.1 Example of poweron reset circuit ........................................................................ 2-143
Fig. 2.10.2 RAM backup system .............................................................................................. 2-143
Fig. 2.11.1 Structure of CPU mode register .......................................................................... 2-145
Fig. 2.11.2 Connection diagram ............................................................................................... 2-146
Fig. 2.11.3 Status transition diagram during power failure .................................................. 2-146
Fig. 2.11.4 Setting of relevant registers ................................................................................. 2-147
Fig. 2.11.5 Control procedure ................................................................................................... 2-148
Fig. 2.12.1 Oscillation stabilizing time at restoration by reset input .................................. 2-150
Fig. 2.12.2 Execution sequence example at restoration by occurrence of INT0 interrupt request ... 2-152
Fig. 2.12.3 Reset input time ..................................................................................................... 2-154
Fig. 2.13.1 Memory map of M38049FFHSP/FP/HP/KP ........................................................ 2-156
Fig. 2.13.2 Memory map of registers relevant to flash memory ......................................... 2-157
Fig. 2.13.3 Structure of Flash memory control register 0 .................................................... 2-157
Fig. 2.13.4 Structure of Flash memory control register 1 .................................................... 2-158
Fig. 2.13.5 Structure of Flash memory control register 2 .................................................... 2-158
Fig. 2.13.6 Rewrite example of built-in flash memory in standard serial I/O mode ......... 2-162
Fig. 2.13.7 Connection example in standard serial I/O mode (1) ....................................... 2-163
Fig. 2.13.8 Connection example in standard serial I/O mode (2) ....................................... 2-163
Fig. 2.13.9 Connection example in standard serial I/O mode (3) ....................................... 2-164
Fig. 2.13.10 Example of rewrite system for built-in flash memory in CPU rewrite mode (single-
chip mode) ............................................................................................................ 2-165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com