Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FEHKP Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # M38049FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FEHKP Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button M38049FEHKP Datasheet HTML 153Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 154Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 155Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 156Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 157Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 158Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 159Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 160Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 387 page
background image
2-33
APPLICATION
2.3 Timer
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
(2) Timer application example 1: Clock function (measurement of 250 ms)
Outline: The input clock is divided by the timer so that the clock can count up at 250 ms intervals.
Specifications: •The clock f(XIN) = 4.19 MHz (222 Hz) is divided by the timer.
•The clock is counted up in the process routine of the timer X interrupt which occurs
at 250 ms intervals.
Figure 2.3.15 shows the timers connection and setting of division ratios; Figure 2.3.16 shows the
relevant registers setting; Figure 2.3.17 shows the control procedure.
Fig. 2.3.15 Timers connection and setting of division ratios
Fig. 2.3.16 Relevant registers setting
f(XIN) = 4.19 MHz
250 ms
1/161/2561/256
1/4
1 second
Dividing by 4 with software
Timer X count source
selection bit
Prescaler X
Timer X
Timer X interrupt
request bit
0 or 1
0 : No interrupt request issued
1 : Interrupt request issued
ICON1
Timer X interrupt: Enabled
1
IREQ1
TM
0
0
1
PREX
256 – 1
TX
256 – 1
b0
b7
b0
b7
b0
b7
b0
b7
b0
b7
T12XCSS
0
Timer X count source : f(XIN)/16
b0
b7
Timer 12, X count source selection register (address 000E16)
Timer XY mode register (address 002316)
Timer X operating mode: Timer mode
Timer X count: Stop
Clear to “0” when starting count.
Prescaler X (address 002416)
Timer X (address 002516)
Set “division ratio – 1”
Interrupt control register 1 (address 003E16)
Interrupt request register 1 (address 003C16)
Timer X interrupt request
(becomes “1” at 250 ms intervals)
0
01 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com