Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FEHKP Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # M38049FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FEHKP Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button M38049FEHKP Datasheet HTML 158Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 159Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 160Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 161Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 162Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 163Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 164Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 165Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 387 page
background image
2-38
APPLICATION
2.3 Timer
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
(4) Timer application example 3: Frequency measurement
Outline: The following two values are compared to judge whether the frequency is within a valid
range.
•A value by counting pulses input to P55/CNTR1 pin with the timer.
•A reference value
Specifications: •The pulse is input to the P55/CNTR1 pin and counted by the timer Y.
•The clock f(XIN) = 8 MHz is dividing by the timer 1, and the interrupt request occurs
at about 2 ms intervals.
•A count value is read out at about 2 ms intervals, the timer 1 interrupt interval.
When the count value is 28 to 40, it is judged that the input pulse is valid.
•Because the timer is a down-counter, the count value is compared with 227 to 215
(Note).
Note: 227 to 215 = {255 (initial value of counter) – 28} to {255 – 40}; 28 to 40 means the number
of valid count value.
Figure 2.3.22 shows the judgment method of valid/invalid of input pulses; Figure 2.3.23 shows the
relevant registers setting; Figure 2.3.24 shows the control procedure.
Fig. 2.3.22 Judgment method of valid/invalid of input pulses
Input pulse
2 ms
71.4
µs
= 28 counts
• • • • •
71.4
µs or more
(less than 14 kHz)
71.4
µs
(14 kHz)
50
µs
(20 kHz)
50
µs or less
(20 kHz or more)
Invalid
Valid
Invalid
2 ms
50
µs
= 40 counts
• • • • •• • • • •



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com