Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FEHKP Datasheet(PDF) 167 Page - Renesas Technology Corp

Part # M38049FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FEHKP Datasheet(HTML) 167 Page - Renesas Technology Corp

Back Button M38049FEHKP Datasheet HTML 163Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 164Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 165Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 166Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 167Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 168Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 169Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 170Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 387 page
background image
2-43
APPLICATION
2.3 Timer
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Fig. 2.3.27 Control procedure (1)
P4D
TZM
TYZCSS
TZL
TZH
INTSEL
IREQ1
ICON1
IREQ2
ICON2
TZM
CLI
(address 000916)
(address 002A16)
(address 000F16)
(address 002816)
(address 002916)
(address 003916)
(address 003C16), bit0
(address 003E16), bit0
(address 003D16), bit5
(address 003F16), bit5
(address 002A16), bit6
RESET
SEI
0XXXXXXX2
RTI
Error processing
0
1
0
1
0
X10X00112
0011XXXX2
FF16
FF16
XXX1XXX12
•All interrupts disabled
•Set P47/CNTR2 pin to input mode
•Timer Z: Pulse width measurement mode
(Measure “H” level of pulses input from CNTR2 pin.)
•Set timer Z initial value
•Timer Z interrupt enabled
•CNTR2 interrupt enabled
•Timer Z count start
•Interrupts enabled
Note 1: When using Index X mode flag (T)
Note 2: When using Decimal mode flag (D)
•Push registers used in interrupt process routine
•Pop registers pushed to stack
Pop registers
Initialization
CLT (Note 1)
CLD (Note 2)
Push registers to stack
Timer Z interrupt process routine
q x: This bit is not used here. Set it to “0” or “1” arbitrarily.
Note: Timer Z interrupt also occurs owing to factors other than measurement level.
(CNTR2 input =“L” in this application)
Process it by software as error processing is performed for measurement level as necessary.
(CNTR2 input level can be checked by reading the contents of sharing port P47 register.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com