Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FEHKP Datasheet(PDF) 226 Page - Renesas Technology Corp

Part # M38049FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FEHKP Datasheet(HTML) 226 Page - Renesas Technology Corp

Back Button M38049FEHKP Datasheet HTML 222Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 223Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 224Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 225Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 226Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 227Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 228Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 229Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 230Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 387 page
background image
2-102
APPLICATION
2.5 Multi-master I2C-BUS interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
➁ Transmission of command
Confirm correct completion of communication at ➀ before command transmission. When receiving
the STOP condition, a process not to transmit a command is required, because the internal I2C-
BUS generates an interrupt request also owing to the STOP condition transmitted to other devices.
After confirming correct completion of communication, write a command to the I2C data shift
register (address 001116).
In case the AL bit (bit 3 of address 001316) is “1”, check the slave address comparison flag (AAS
bit; bit 2 of address 001316) to judge whether the device given a right of master transmission owing
to an arbitration specifies itself as a slave address. When it is “1”, perform the slave reception;
when “0”, wait for a STOP condition occurrence caused by other devices and the communication
completion.
In case the AL bit is “0”, check the last received bit (LRB bit; bit 0 of address 001316). When it is
“1”, make the STOP condition generate and release the bus use, because the specified slave
device does not exist on the SMBUS.
Fig. 2.5.23 Transmission process of command
AL (address 001316), bit 3 ?
AAS (address 001316), bit 2 ?
0 (ACK)
0 (not detected)
STOP condition output
S0 (address 001116)
← 000010012
PIN (address 001316), bit 4 ?
1(error)
0 (slave address transmitted)
LRB (address 001316), bit 0 ?
0 (address not corresponded)
1(NACK)
1(detected)
1 (address corresponded)
End
2
Re-transmission preparation
Slave reception
• Judgment of slave address comparison
• Judgment of bus hold
• Judgment of arbitration lost detection
• ACK confirmation
• Command data write to I2C data shift register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com