Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FEHKP Datasheet(PDF) 259 Page - Renesas Technology Corp

Part # M38049FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FEHKP Datasheet(HTML) 259 Page - Renesas Technology Corp

Back Button M38049FEHKP Datasheet HTML 255Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 256Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 257Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 258Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 259Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 260Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 261Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 262Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 263Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 387 page
background image
2-135
APPLICATION
2.8 D/A converter
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
2.8.3 D/A converter application example
(1)
Speaker output volume modulation
Outline: The volume of a speaker output is modulated by using D/A converter.
Specifications: •Timer X modulates the period of sound for the pitch interval, so that a fixed pitch
(“la”: approx. 440 Hz) can be output. Modulating the amplitude with the D/A output
value controls the volume.
•Use f(XIN) = 6 MHz.
•Use DA1 (P30/DA1 pin) as D/A converter.
Figure 2.8.5 shows a peripheral circuit example and Figure 2.8.6 shows a speaker output example.
Figure 2.8.7 shows the relevant registers setting.
Fig. 2.8.5 Peripheral circuit example
Fig. 2.8.6 Speaker output example
Amplification
circuit
Power
amplifier
3804 Group (Spec. H)
+
P30/DA1
VREF
VSS
Timer X
interrupt
Timer X
interrupt
Timer X
interrupt
Timer X
interrupt
Timer X
interrupt
Timer X
interrupt
Modulation of volume
(amplitude is set
by D/A1 output)
Modulation of pitch interval: 440 Hz
(Cycle is set by timer X)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com