Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FEHKP Datasheet(PDF) 275 Page - Renesas Technology Corp

Part # M38049FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FEHKP Datasheet(HTML) 275 Page - Renesas Technology Corp

Back Button M38049FEHKP Datasheet HTML 271Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 272Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 273Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 274Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 275Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 276Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 277Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 278Page - Renesas Technology Corp M38049FEHKP Datasheet HTML 279Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 387 page
background image
2-151
APPLICATION
2.12 Standby function
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
sRestoration by interrupt request
The occurrence of an interrupt request in the stop mode releases the stop mode. As a result,
oscillation is resumed. The interrupts available for restoration are:
•INT0–INT4
•CNTR0, CNTR1, CNTR2
•Serial I/O (1, 2, 3) using an external clock
•Timer X, Y, Z using an external event count
•SCL/SDA
However, when using any of these interrupt requests for restoration from the stop mode, in order to
enable the selected interrupt, you must execute the STP instruction after setting the following conditions.
[Necessary register setting]
➀ Interrupt disable flag I = “0” (interrupt enabled)
➁ Timer 1 interrupt enable bit = “0” (interrupt disabled)
➂ Interrupt request bit of interrupt source to be used for restoration = “0” (no interrupt request
issued)
➃ Interrupt enable bit of interrupt source to be used for restoration = “1” (interrupts enabled)
For more details concerning interrupts, refer to “2.2 Interrupts”.
Oscillation is unstable when restarted. For this reason, time for stabilizing of oscillation (oscillation
stabilizing time) is required. For restoration by an interrupt request, waiting time prior to supplying
internal clock
φ to the CPU is automatically generated✽2 by Prescaler 12 and Timer 1✽1. This waiting
time is reserved as the oscillation stabilizing time on the system clock side. The supply of internal
clock
φ to the CPU is started at the Timer 1 underflow.
Figure 2.12.2 shows an execution sequence example at restoration by the occurrence of an INT0
interrupt request.
✽1: If the STP instruction is executed when the oscillation stabilizing time set after STP instruction
released bit is “0”, “FF16” and “0116” are automatically set in the Prescaler 12 counter/latch and
Timer 1 counter/latch, respectively. When the oscillation stabilizing time set after STP instruction
released bit is “1”, nothing is automatically set to either Prescaler 12 or Timer 1. For this reason,
any suitable value can be set to Prescaler 12 and Timer 1 for the oscillation stabilizing time.
✽2: Immediately after the oscillation is started, the count source is supplied to the prescaler 12 so
that a count operation is started.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com