Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7278 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7278
Description  HIGH-EFFICIENCY CD ACTUATOR DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7278 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7278 Datasheet HTML 7Page - STMicroelectronics TDA7278 Datasheet HTML 8Page - STMicroelectronics TDA7278 Datasheet HTML 9Page - STMicroelectronics TDA7278 Datasheet HTML 10Page - STMicroelectronics TDA7278 Datasheet HTML 11Page - STMicroelectronics TDA7278 Datasheet HTML 12Page - STMicroelectronics TDA7278 Datasheet HTML 13Page - STMicroelectronics TDA7278 Datasheet HTML 14Page - STMicroelectronics TDA7278 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
21
D96AU461A
VCPU
7V
VCPU
-
+
VCPU
-
+
VCPU
PINS: 21
22
D96AU462
VBAT
7V
VBAT
-
+
1.3
VBAT
-
+
VBAT
-
+
0.6
0.2
PIN: 22
23
D96AU463
VCPU
7V
PIN: 23
24
D96AU464A
VBAT
12V
VBAT
VBAT
+
-
PIN: 24
11
D96AU474
17V
10
PINS: 10, 11
20
D96AU460A
VCPU
7V
VCPU
-
+
1.8
VCPU
-
+
VCPU
-
+
0.7
0.6
PINS: 20
TDA7278
12/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com