Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7278 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7278
Description  HIGH-EFFICIENCY CD ACTUATOR DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7278 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7278 Datasheet HTML 1Page - STMicroelectronics TDA7278 Datasheet HTML 2Page - STMicroelectronics TDA7278 Datasheet HTML 3Page - STMicroelectronics TDA7278 Datasheet HTML 4Page - STMicroelectronics TDA7278 Datasheet HTML 5Page - STMicroelectronics TDA7278 Datasheet HTML 6Page - STMicroelectronics TDA7278 Datasheet HTML 7Page - STMicroelectronics TDA7278 Datasheet HTML 8Page - STMicroelectronics TDA7278 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TDA7278
HIGH-EFFICIENCY CD ACTUATOR DRIVER
WIDE OPERATIVE SUPPLY RANGE (1.6 to
5V) LOW VOLTAGE OPERATION CAPABIL-
ITY
4 LOAD DRIVING VOLTAGES PWM REGU-
LATED (STEP DOWN FROM BATTERY)
LOW ON RESISTANCE H BRIDGES
(2 x 1.6
Ω MAX + 2 x 2.5Ω MAX) FOR:
– FOCUS AND TRACKING ACTUATORS
– SLEDGE AND SPINDLE MOTORS
SYNCHRONIZABLE SAWTOOTH OSCILLATOR
CONFIGURABLE DC/DC CONVERTER FOR
ADJUSTABLE MAIN POWER SUPPLY, WITH
LOW ON RESISTANCE (0.4
Ω MAX) SWITCH
GENERAL ENABLE INPUT
ADJUSTABLE WATCH DOG AND DELAYED
POWER ON RESET FUNCTIONS
ADJUSTABLE COMPARATORS FOR BAT-
TERY LOW AND BATTERY EMPTY DETEC-
TION
March 1997
PQFP44
1
2
3
5
6
4
7
8
9
10
17
11
18
19
20
21
22
44
43
42
41
39
40
38
37
36
35
34
28
27
26
24
23
25
33
32
31
29
30
GND
FLIN 1
VBAT
H OUT 2A
HIN 2
FLIN 2
VHIGH
OUT
H OUT 1B
H OUT 1A
HIN 1
GND
H OUT 3A
HIN 3
ENABLE
SYNC
H OUT 3B
HIN 4
H OUT 4A
FLIN 4
FLIN 3
VBAT
D94AU112A
12
13
14
15
16
PIN CONNECTION
1/15


Similar Part No. - TDA7278

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7272A STMICROELECTRONICS-TDA7272A Datasheet
193Kb / 16P
HIGH PERFORMANCE MOTOR SPEED REGULATOR
Jun-1992
TDA7273 STMICROELECTRONICS-TDA7273 Datasheet
124Kb / 9P
SINGLE CHIP STEREO CASSETTE PLAYBACK SYSTEM
May-1997
TDA7273D STMICROELECTRONICS-TDA7273D Datasheet
124Kb / 9P
SINGLE CHIP STEREO CASSETTE PLAYBACK SYSTEM
May-1997
TDA7274 STMICROELECTRONICS-TDA7274 Datasheet
108Kb / 10P
LOW-VOLTAGE DC MOTOR SPEED CONTROLLER
Nov-1988
TDA7275A STMICROELECTRONICS-TDA7275A Datasheet
65Kb / 7P
MOTOR SPEED REGULATOR
May-1997
More results

Similar Description - TDA7278

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB8106M SANYO-LB8106M Datasheet
215Kb / 10P
Actuator Driver for Portable CD Players
LB8107M SANYO-LB8107M Datasheet
242Kb / 10P
Portable CD Player Actuator Driver
LB8108M SANYO-LB8108M Datasheet
282Kb / 12P
Actuator Driver for Portable CD Players?
LB8109M SANYO-LB8109M Datasheet
129Kb / 9P
Actuator Driver for Portable CD Players
LB8118M SANYO-LB8118M Datasheet
142Kb / 11P
Actuator Driver for Portable CD Players
LA6565 SANYO-LA6565 Datasheet
103Kb / 8P
Five-Channel CD Actuator Driver
logo
LSI Computer Systems
BH6526FV LSI-BH6526FV Datasheet
179Kb / 2P
Actuator/Motor Driver for CD-ROM
logo
Silan Microelectronics ...
SA5624 SILAN-SA5624 Datasheet
211Kb / 7P
ACTUATOR DRIVER WITH CURRENT FEEDBACK FOR CD - ROM / DVD
SA5954 SILAN-SA5954 Datasheet
237Kb / 7P
ACTUATOR DRIVER WITH CURRENT FEEDBACK FOR CD - ROM / DVD
logo
Maxim Integrated Produc...
MAX77501 MAXIM-MAX77501 Datasheet
109Kb / 2P
110VPK-PK High-Efficiency Piezo Haptic Actuator Boost Driver
Rev 0; 6/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com