Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7278 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7278
Description  HIGH-EFFICIENCY CD ACTUATOR DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7278 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7278 Datasheet HTML 7Page - STMicroelectronics TDA7278 Datasheet HTML 8Page - STMicroelectronics TDA7278 Datasheet HTML 9Page - STMicroelectronics TDA7278 Datasheet HTML 10Page - STMicroelectronics TDA7278 Datasheet HTML 11Page - STMicroelectronics TDA7278 Datasheet HTML 12Page - STMicroelectronics TDA7278 Datasheet HTML 13Page - STMicroelectronics TDA7278 Datasheet HTML 14Page - STMicroelectronics TDA7278 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
16
D96AU476
17V
17
PINS: 16, 17
37
D96AU469
7V
VCPU
VCPU
38
+-
PINS: 37, 38
39
D96AU470A
7V
VCPU
PIN: 39
40
D96AU471
VCPU
7V
+
-
41
5V
5V
VCPU
+
-
VBG
PINS: 40, 41
13
D96AU475
+
-
VBAT
12
14
VBAT
7V
VBG
VBAT
PINS: 12, 13, 14
TDA7278
13/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com