Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7300D Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7300D
Description  DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7300D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7300D Datasheet HTML 7Page - STMicroelectronics TDA7300D Datasheet HTML 8Page - STMicroelectronics TDA7300D Datasheet HTML 9Page - STMicroelectronics TDA7300D Datasheet HTML 10Page - STMicroelectronics TDA7300D Datasheet HTML 11Page - STMicroelectronics TDA7300D Datasheet HTML 12Page - STMicroelectronics TDA7300D Datasheet HTML 13Page - STMicroelectronics TDA7300D Datasheet HTML 14Page - STMicroelectronics TDA7300D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Transmission without Acknowledge
Avoiding to detect the acknowledge of the audio-
processor, the
µP can use a simplier transmission:
simply it waits one clock without checking the slave
acknowledging, and sends the new data.
This approach of course is less protected from
misworking and decreases the noise immunity.
Interface Protocol
The interface protocol comprises:
A start condition (S)
A chip address byte, containing the TDA7300
address (the 8th bit of the byte must be 0). The
TDA7300 must always acknowledge at the end
of each transmitted byte.
A sequence of data (N-bytes + acknowledge)
A stop condition (P)
TDA7300 ADDRESS
MSB
first byte
LSB
MSB
LSB
MSB
LSB
S
1
0
0010
00
ACK
DATA
ACK
DATA
ACK
P
Data Transferred (N-bytes + Acknowledge)
ACK = Acknowledge
S = Start
P = Stop
MAX CLOCK SPEED 100kbits/s
SOFTWARE SPECIFICATION
Chip address (TDA7300 address)
10
001000
MSB
IIII I LSB
APPLICATION INFORMATION (continued)
Figure 23: Acknowledge on the I
2CBUS
Volume
Speaker
Audio Switch
Bass
Treble
–68dB
–38dB
Mono
+2.5dB
+2.5dB
Status after power-on reset
DATA BYTES
MSB
LSB
Function
0
1
1
1
1
0
0
0
0
1
1
0
0
1
1
1
B2
0
1
0
1
0
1
1
B1
B1
B1
B1
B1
X
0
1
B0
B0
B0
B0
B0
X
C3
C3
A2
A2
A2
A2
A2
S2
C2
C2
A1
A1
A1
A1
A1
S1
C1
C1
A0
A0
A0
A0
A0
S0
C0
C0
Volume Control
Speaker ATT LR
Speaker ATT RR
Speaker ATT LF
Speaker ATT RF
Audio switch
Bass control
Treble control
X = don’t care
Ax = 2dB steps
Bx = 10dB steps
Cx = 2.5dB steps
TDA7300
11/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com