Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7300D Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7300D
Description  DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7300D Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7300D Datasheet HTML 8Page - STMicroelectronics TDA7300D Datasheet HTML 9Page - STMicroelectronics TDA7300D Datasheet HTML 10Page - STMicroelectronics TDA7300D Datasheet HTML 11Page - STMicroelectronics TDA7300D Datasheet HTML 12Page - STMicroelectronics TDA7300D Datasheet HTML 13Page - STMicroelectronics TDA7300D Datasheet HTML 14Page - STMicroelectronics TDA7300D Datasheet HTML 15Page - STMicroelectronics TDA7300D Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
X = don’t care
For example to set the stereo 2 channel the 8 bit string may be: 0 1 0 0 0 0 0 1
AUDIO SWITCH - Select the input Channel to Activate
MSB
LSB
0
1
0
X
X
S2
S1
S0
Audio Switch
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Stereo 1
Stereo 2
Stereo 3
Stereo 4
Mono
Not Allowed
Not Allowed
Not Allowed
SOFTWARE SPECIFICATION (continued)
BASS AND TREBLE - Control Range of
± 15dB (boost and cut) Steps of 2.5dB
0
0
1
1
1
1
0
1
C3
C3
C2
C2
C1
C1
C0
C0
Bass
Treble
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
0
0
1
1
0
0
1
1
1
1
0
0
1
1
0
0
0
1
0
1
0
1
0
1
1
0
1
0
1
0
1
0
-15
-15
- 12.5
-10
- 7.5
-5
- 2.5
-0
0
2.5
5
7.5
10
12.5
15
15
C3 = Sign
For example Bass at -12.5dB is obtained by the following 8 bit string: 0 1 1 0 0 0 1 0
TDA7300
13/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com