Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7300D Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7300D
Description  DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7300D Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7300D Datasheet HTML 1Page - STMicroelectronics TDA7300D Datasheet HTML 2Page - STMicroelectronics TDA7300D Datasheet HTML 3Page - STMicroelectronics TDA7300D Datasheet HTML 4Page - STMicroelectronics TDA7300D Datasheet HTML 5Page - STMicroelectronics TDA7300D Datasheet HTML 6Page - STMicroelectronics TDA7300D Datasheet HTML 7Page - STMicroelectronics TDA7300D Datasheet HTML 8Page - STMicroelectronics TDA7300D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage (VS1)18
V
Tamb
Operating Ambient Temperature Range
-40 to +85
°C
Tstg
Storage Temperature
-40 to 150
°C
THERMAL DATA
Symbol
Description
SO28
DIP28
Unit
Rth j-pins
Thermal Resistance Junction-pins
Max
85
65
°C/W
ELECTRICAL CHARACTERISTICS (Tamb =25
°C, VS1 = 12V or VS2 = 8.5V , RL = 10kΩ and Rg = 600Ω ,
f = 1KHz unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY (1)
VS1
Supply Voltage VS1
10
12
16
V
VS2
Supply Voltage VS2
6
8.5
10
V
IS2
Supply Current
15
30
40
mA
Vref
Reference Voltage (pin 7)
3.5
4.3
5
V
SVR
Ripple Rejection at VS1
f = 300Hz to 10KHz
80
97
dB
SVR
Ripple Rejection at VS2
f = 300Hz to 10KHz
50
58
dB
INPUT SELECTORS
Ri
Input Resistance
30
45
K
VIN max
Max. Input Signal
GV = 0dB
d = 0.3%
1.5
2.2
Vrms
INS
Input Separation
f = 1KHz (2)
90
100
dB
f = 10KHz (2)
70
80
dB
Vi (DC)
Input DC Voltage
3.5
4.3
5
V
PIN CONNECTION (Top view)
TDA7300
2/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com