Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7310 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7310
Description  SERIAL BUS CONTROLLED AUDIO PROCESSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7310 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7310 Datasheet HTML 6Page - STMicroelectronics TDA7310 Datasheet HTML 7Page - STMicroelectronics TDA7310 Datasheet HTML 8Page - STMicroelectronics TDA7310 Datasheet HTML 9Page - STMicroelectronics TDA7310 Datasheet HTML 10Page - STMicroelectronics TDA7310 Datasheet HTML 11Page - STMicroelectronics TDA7310 Datasheet HTML 12Page - STMicroelectronics TDA7310 Datasheet HTML 13Page - STMicroelectronics TDA7310 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Figure 15: Data Validity on the I
2CBUS
Figure 17: Acknowledge on the I
2CBUS
APPLICATION INFORMATION (continued)
SERIAL BUS INTERFACE
S-BUS Interface and I
2CBUS Compability
Data transmission from microprocessor to the
TDA7310 and viceversa takes place thru the 3-
wire S-BUS interface, consisting of the three lines
SDA, SCL, SEN. If SDA and SEN inputs are
short-circuited together, then the TDA7310 ap-
pears as a standard I
2CBUS slave.
According to I
2CBUS specification the S-BUS
lines are connected to a positive supply voltage
via pull-up resistors.
Data Validity
As shown in fig. 15, the data on the SDA line
must be stable during the high period of the clock.
The HIGH and LOW state of the data line can
only change when the clock signal on the SCL
line is LOW.
Start and Stop Conditions
I
2CBUS:
as shown in fig. 16 a start condition is a HIGH to
LOW transition of the SDA line while SCL is
HIGH. The stop condition is a LOW to HIGH tran-
sition of the SDA line while SCL is HIGH.
S-bus:
the start/stop conditions (points 1 and 6) are de-
tected exclusively by a transition of the SEN line
(1
→ 0/ 0 → 1)wile the SCL line is at the HIGH
level.
The SDA line is only allowed to change during the
time the SCL line is low (points 2, 3, 4, 5). after
the start information (point 1) the SEN line returns
to the HIGH level and remains uncharged for all
the time the transmission is performed.
Byte Fornat
Every byte transferred on the SDA line must con-
tain 8 bits. Each byte must be followed by an ac-
knowledge bit. The MSB is transferred first.
Acknowledge
The master (
µP) puts a resistive HIGH level on
the SDA line during the acknowledge clock pulse
(see fig. 17). The peripheral (audioprocessor) that
acknowledges has to pull-down (LOW) the SDA
line during the acknowledge clock pulse, so that
the SDA line is stable LOW during this clock.
Figure 16: Timing Diagram of S-BUS and I
2CBUS
TDA7310
10/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com