Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7310 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7310
Description  SERIAL BUS CONTROLLED AUDIO PROCESSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7310 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7310 Datasheet HTML 2Page - STMicroelectronics TDA7310 Datasheet HTML 3Page - STMicroelectronics TDA7310 Datasheet HTML 4Page - STMicroelectronics TDA7310 Datasheet HTML 5Page - STMicroelectronics TDA7310 Datasheet HTML 6Page - STMicroelectronics TDA7310 Datasheet HTML 7Page - STMicroelectronics TDA7310 Datasheet HTML 8Page - STMicroelectronics TDA7310 Datasheet HTML 9Page - STMicroelectronics TDA7310 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
APPLICATION SUGGESTION (see to Test circuit)
Component
Recc. Value
Purpose
Smaller than Recc. Value
Larger than
C1 to C4,
C8 to C11
2.2
µF
THD optimization at low
frequencies
Worse THD at very low
frequencies
C5, C7
C6
4.7
µF
10
µF
CMRR optimization
differential input
Worse CMRR for ratio not equal to 1
2
C12
22
µFCREF • SVR optimization
< -66 dB
Better SVR at low
frequencies
Worse SVR at low
frequencies
C13, C14
2.2
µF
Decoupling Input-Output
if external equalizer is
not used
C15, C16
100nF
Loudness characteristic
C17, C18
R1
C!9, C20
R2
100nF
5.6k
100nF
5.6k
Bass Filter
(standard T - type)
cut freq. = 100Hz
C21
C22
2.7nF
Treble Filter
Higher cut frequency
Lower cut frequency
Figure 1: Loudness versus Volume Attenuation
Figure 2: Loudnessversus Frequency
(CLOUD = 100nF)
TDA7310
6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com