Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7310 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7310
Description  SERIAL BUS CONTROLLED AUDIO PROCESSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7310 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7310 Datasheet HTML 1Page - STMicroelectronics TDA7310 Datasheet HTML 2Page - STMicroelectronics TDA7310 Datasheet HTML 3Page - STMicroelectronics TDA7310 Datasheet HTML 4Page - STMicroelectronics TDA7310 Datasheet HTML 5Page - STMicroelectronics TDA7310 Datasheet HTML 6Page - STMicroelectronics TDA7310 Datasheet HTML 7Page - STMicroelectronics TDA7310 Datasheet HTML 8Page - STMicroelectronics TDA7310 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ELECTRICAL CHARACTERISTICS (Tamb =25
°C, VS = 9V, RL = 10KΩ,RG = 600Ω,GV=0dB, f = 1KHz
unless otherwise specified) (refer to the test circuit)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY
VS
Supply Voltage
6
9
10
V
IS
Supply Current
4
8
11
mA
SVR
Ripple Rejection
60
85
dB
INPUT SELECTORS
RII
Input Resistance
Input 1, 2, 3, 4
50
K
Differential Input
10
K
VCL
Clipping Level
2
2.5
Vrms
CMRR
Common Mode Rejection
Differential Input
65
dB
INS
Input Separation (2)
80
100
dB
RL
Output Load resistance
2
K
GINmin
Min. Input Gain
-1
0
1
dB
GINmax
Max. Input Gain
18.75
dB
GSTEP
Step Resolution
6.25
dB
eIN
Input Noise
G = 18.75dB
2
µV
VDC
DC Steps
adjacent gain steps
4
mV
G = 18.75 to Mute
4
mV
VOLUME CONTROL
RIN
Input Resistance
33
k
CRANGE
Control Range
75
dB
AVMIN
Min. Attenuation
-1
0
1
dB
AVMAX
Max. Attenuation
75
dB
ASTEP
Step Resolution
1.25
dB
EA
Attenuation Set Error
AV = 0 to -20dB
AV = -20 to -60dB
-1.25
-3
0
1.25
2
dB
dB
ET
Tracking Error
2dB
VDC
DC Steps
adjacent attenuation steps
From 0dB to AVmax
0.1
0.5
mV
mV
SPEAKER ATTENUATORS
Control Range
37.5
dB
Step Resolution
1.25
dB
Attenuation set error
1.5
dB
Output Mute Attenuation
80
100
dB
DC Steps
adjacent att. steps
from 0 to mute
0
1
mV
mV
BASS CONTROL (1)
Control Range
+14
dB
Step Resolution
2
dB
RB
Internal Feedback Resistance
50
K
VDC
DC Steps
adjacent control steps
0.1
mV
TDA7310
4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com