Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCP1102 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # PCP1102
Description  PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

PCP1102 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  PCP1102 Datasheet HTML 1Page - Sanyo Semicon Device PCP1102 Datasheet HTML 2Page - Sanyo Semicon Device PCP1102 Datasheet HTML 3Page - Sanyo Semicon Device PCP1102 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PCP1102
No. A1163-1/4
Applications
•
DC / DC converters, relay drivers, lamp drivers, motor drivers.
Features
•
Adoption of FBET, MBIT processes.
•
Large current capacitance.
•
Low collector-to-emitter saturation voltage.
•
High-speed switching.
•
High allowable power dissipation.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
--150
V
Collector-to-Emitter Voltage
VCES
--150
V
Collector-to-Emitter Voltage
VCEO
--150
V
Emitter-to-Base Voltage
VEBO
--7
V
Collector Current
IC
--2
A
Collector Current (Pulse)
ICP
--3
A
Base Current
IB
--400
mA
Collector Dissipation
PC
When mounted on ceramic substrate (450mm2
✕0.8mm)
1.3
W
Tc=25°C
3.5
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Marking : RE
SANYO Semiconductors
DATA SHEET
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENA1163
73008EA TI IM TC-00001466
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
PCP1102
PNP Epitaxial Planar Silicon Transistor
High-Voltage Switching Applications


Similar Part No. - PCP1102

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
PCP1101 SANYO-PCP1101 Datasheet
60Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
PCP1103 SANYO-PCP1103 Datasheet
259Kb / 4P
PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
logo
ON Semiconductor
PCP1103 ONSEMI-PCP1103 Datasheet
86Kb / 5P
Bipolar Transistor
December, 2013
logo
Sanyo Semicon Device
PCP1104 SANYO-PCP1104 Datasheet
259Kb / 4P
PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
More results

Similar Description - PCP1102

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA2192 SANYO-2SA2192 Datasheet
45Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH3148 SANYO-CPH3148 Datasheet
41Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SA2204 SANYO-2SA2204 Datasheet
44Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SA2205 SANYO-2SA2205 Datasheet
44Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
F5H2101 SANYO-F5H2101 Datasheet
64Kb / 5P
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
SFT1101 SANYO-SFT1101 Datasheet
62Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
SFT1102 SANYO-SFT1102 Datasheet
62Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
PCP1101 SANYO-PCP1101 Datasheet
60Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
CPH3151 SANYO-CPH3151 Datasheet
57Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
CPH3152 SANYO-CPH3152 Datasheet
58Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com