Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCP1102 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # PCP1102
Description  PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

PCP1102 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  PCP1102 Datasheet HTML 1Page - Sanyo Semicon Device PCP1102 Datasheet HTML 2Page - Sanyo Semicon Device PCP1102 Datasheet HTML 3Page - Sanyo Semicon Device PCP1102 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PCP1102
No. A1163-2/4
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=--80V, IE=0A
--1
μA
Emitter Cutoff Current
IEBO
VEB=--4V, IC=0A
--1
μA
DC Current Gain
hFE
VCE=--5V, IC=--100mA
200
560
Gain-Bandwidth Product
fT
VCE=--10V, IC=--100mA
70
MHz
Output Capacitance
Cob
VCB=--10V, f=1MHz
20
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)1
IC=--1A, IB=--100mA
--200
--400
mV
VCE(sat)2
IC=--0.5A, IB=--50mA
--100
--200
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=--1A, IB=--100mA
--0.85
--1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=--10μA, IE=0A
--150
V
Collector-to-Emitter Breakdown Voltage
V(BR)CES
IC=--100μA, RBE=0Ω
--150
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=--1mA, RBE=∞
--150
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=--10μA, IC=0A
--7
V
Turn-ON Time
ton
See specified Test Circuit.
55
ns
Storage Time
tstg
See specified Test Circuit.
840
ns
Fall Time
tf
See specified Test Circuit.
40
ns
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7008A-003
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
--5mA
--2.0
--1.5
--1.0
--0.5
0
0
--0.2
--0.4
--0.5
--0.1
--0.3
IB=0mA
IT13557
--2.0
--1.5
--1.0
--0.5
0
0
--2
--5
--1
--3
--4
--20mA
--40mA
--60mA
--80mA
--120mA
IB=0mA
IT13558
--10mA
--5mA
--250mA
--200mA
--160mA
--120mA
--10mA
--20mA
--40mA
--60mA
--80mA
--160mA
--200mA
--250mA
--100mA
--100mA
VR
RL
VCC= --75V
VBE=5V
IC= --10IB1=10IB2= --0.7A
++
50Ω
INPUT
OUTPUT
RB
220μF
470μF
PW=20μs
IB1
IB2
D.C.≤1%
1 : Base
2 : Collector
3 : Emitter
SANYO : PCP
1.5
0.5
0.4
3.0
4.5
1.6
0.4
12
3
1.5
Top View
Bottom View
0.75



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com