Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCP1102 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # PCP1102
Description  PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

PCP1102 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  PCP1102 Datasheet HTML 1Page - Sanyo Semicon Device PCP1102 Datasheet HTML 2Page - Sanyo Semicon Device PCP1102 Datasheet HTML 3Page - Sanyo Semicon Device PCP1102 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PCP1102
No. A1163-3/4
Cob -- VCB
VBE(sat) -- IC
VCE(sat) -- IC
hFE -- IC
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Collector Current, IC -- A
Collector Current, IC -- A
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- A
Collector Current, IC -- A
fT -- IC
Collector-to-Emitter Voltage, VCE -- V
A S O
PC -- Ta
Ambient Temperature, Ta --
°C
0
1.6
1.0
1.2
1.4
1.3
0.8
0.6
0.4
0.2
20
060
40
80
100
140
120
160
IT13519
When mounted on ceramic substrate
(450mm2
✕0.8mm)
--0.1
7
2
5
3
2
--1.0
7
2
2.5
5
3
5
3
--0.01
--0.01
--0.1
25
32 3
72
--1.0
5
37
2
--10
5
37
2
--100
5
37
IC= --2A
ICP= --3A
IT13565
--1.0
3
--0.1
Ta=--25°C
75
°C
3
2
7
5
2
23
5
2
7
--10
32
3
57
--0.01
IC / IB=10
IT13564
25
°C
--0.1
23
5
2
7
--1.0
32
3
57
--0.01
--0.1
7
5
3
2
2
--1.0
7
5
3
2
3
--0.01
Ta=75°C
25°C
--25°C
IT13563
IC / IB=10
5
3
2
7
5
10
2
7
100
--0.1
37
2
--1.0
2
53
7
2
--100
5
37 --10
5
IT13562
10
2
100
7
5
3
7
25
32
3
2
--0.01
--0.1
7
5
3
--1.0
IT13561
VCE= --10V
f=1MHz
Ta=75
°C
--25
°C
VCE= --5V
VCE= --5V
IT13560
10
100
7
2
5
3
7
2
5
3
7
7
--0.01
3
25
2
--0.1
7
32
3
5
--1.0
--2.5
--2.0
--1.0
--1.5
--0.5
0
0
--0.2
--0.4
--0.6
--0.8
--1.2
--1.0
IT13559
25
°C
<10μs
Tc=25
°C
Single pulse



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com