Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7334 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7334
Description  LOW NOISE STEREO PREAMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7334 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7334 Datasheet HTML 1Page - STMicroelectronics TDA7334 Datasheet HTML 2Page - STMicroelectronics TDA7334 Datasheet HTML 3Page - STMicroelectronics TDA7334 Datasheet HTML 4Page - STMicroelectronics TDA7334 Datasheet HTML 5Page - STMicroelectronics TDA7334 Datasheet HTML 6Page - STMicroelectronics TDA7334 Datasheet HTML 7Page - STMicroelectronics TDA7334 Datasheet HTML 8Page - STMicroelectronics TDA7334 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TDA7334
LOW NOISE STEREO PREAMPLIFIER
DUAL CHANNEL PROCESSOR FOR PLAY-
BACK APPLICATIONS.
LOW
NOISE
HEAD
PREAMPLIFIER
GROUND COMPATIBLE
MUTE,
AUTOREVERSE
METAL/NORMAL
FUNCTIONS
INTERNAL SWITCHES FOR EQUALIZATION
LOW SUPPLY CURRENT
MIXED BIPOLAR/CMOS TECHNOLOGY
DESCRIPTION
The TDA7334 is a monolithic BICmos IC de-
signed for use in stereo cassette player systems.
The dual preamplifier contains mute, autoreverse,
metal/normal facilities for amplification of low level
signal in applications requiring very low noise per-
formance.
Each channel consists of two cascaded opera-
tional amplifiers.
The first one, AMP1, has a fixed gain of 32dB,
low noise forward/reverse switchable input, and
allows magnetic heads connection directly to
ground. The second one, AMP2, is a standard op-
erational amplifier whose equalizing external
components fix the frequency response.
November 1999
®
R12
300K
R13
6.8K
C4 10nF
R11 1.2K
C11
1
µF
R15 6.2K
EQRO
EQRI
C6
300pF
INR2
INPUT R
R10
600
C5
300pF
R9
600
INR1
12
13
14
15
C3
300pF
R1
600
C2
300pF
R2
600
INL1
INL2
2
3
R4
6.8K
R5
300K
C8 10nF
R3
1.2K
C1
1
µF
EQLI
EQLO
R14 6.2K
4
5
AMP1
AMP1
AMP2
AMP2
32dB
32dB
RN
RN
9
V
S
1
GND
OUTR
+VS
C12
100nF
C13 0.22
µF
20K
+V
S
R7 10K
F/RSW
11
8
7
MUTE
C9
100nF
20K
C14 0.22
µF
OUTL
EQSW
6
16
R8 10K
GND
+V
S
D94AU079
INPUT L
TEST CIRCUIT
ORDERING NUMBER: TDA7334 (DIP16)
TDA7334D (SO16)
DIP16
SO16
1/11


Similar Part No. - TDA7334

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7330 STMICROELECTRONICS-TDA7330 Datasheet
114Kb / 9P
SINGLE CHIP RDS DEMODULATOR FILTER
Nov-1999
TDA7330 STMICROELECTRONICS-TDA7330 Datasheet
1Mb / 9P
SINGLE CHIP RDS DEMODULATOR FILTER
Nov-1999
TDA7330B STMICROELECTRONICS-TDA7330B Datasheet
114Kb / 9P
SINGLE CHIP RDS DEMODULATOR FILTER
Nov-1999
TDA7330BD STMICROELECTRONICS-TDA7330BD Datasheet
114Kb / 9P
SINGLE CHIP RDS DEMODULATOR FILTER
Nov-1999
TDA7330BD STMICROELECTRONICS-TDA7330BD Datasheet
1Mb / 9P
SINGLE CHIP RDS DEMODULATOR FILTER
Nov-1999
More results

Similar Description - TDA7334

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1228 NEC-UPC1228 Datasheet
1Mb / 10P
LOW NOISE DUAL PREAMPLIFIER
logo
National Semiconductor ...
CLC5509 NSC-CLC5509 Datasheet
445Kb / 11P
Ultra-Low Noise Preamplifier
logo
Toshiba Semiconductor
TA2025P TOSHIBA-TA2025P Datasheet
370Kb / 9P
LOW NOISE PREAMPLIFIER FOR AUTOREVERSE CAR STEREO
logo
Hitachi Semiconductor
HA12017 HITACHI-HA12017 Datasheet
494Kb / 6P
LOW NOISE PREAMPLIFIER
logo
List of Unclassifed Man...
QA605 ETC-QA605 Datasheet
58Kb / 2P
Low Noise Preamplifier
logo
STMicroelectronics
TDA7232 STMICROELECTRONICS-TDA7232 Datasheet
567Kb / 12P
LOW NOISE PREAMPLIFIER COMPRESSOR
logo
Analog Devices
SSM-2015 AD-SSM-2015 Datasheet
264Kb / 5P
LOW NOISE MICROPHONE PREAMPLIFIER
logo
List of Unclassifed Man...
NE542 ETC1-NE542 Datasheet
267Kb / 4P
DUAL LOW - NOISE PREAMPLIFIER
logo
National Semiconductor ...
LM382 NSC-LM382 Datasheet
163Kb / 3P
Low Noise Dual Preamplifier
logo
Texas Instruments
LM387 TI1-LM387 Datasheet
370Kb / 6P
Low Noise Dual Preamplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com