Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7334 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7334
Description  LOW NOISE STEREO PREAMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7334 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7334 Datasheet HTML 3Page - STMicroelectronics TDA7334 Datasheet HTML 4Page - STMicroelectronics TDA7334 Datasheet HTML 5Page - STMicroelectronics TDA7334 Datasheet HTML 6Page - STMicroelectronics TDA7334 Datasheet HTML 7Page - STMicroelectronics TDA7334 Datasheet HTML 8Page - STMicroelectronics TDA7334 Datasheet HTML 9Page - STMicroelectronics TDA7334 Datasheet HTML 10Page - STMicroelectronics TDA7334 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SO16 Narrow
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.75
0.069
a1
0.1
0.25
0.004
0.009
a2
1.6
0.063
b
0.35
0.46
0.014
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.020
c1
45
° (typ.)
D (1)
9.8
10
0.386
0.394
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
8.89
0.350
F (1)
3.8
4
0.150
0.157
G
4.6
5.3
0.181
0.209
L
0.4
1.27
0.016
0.050
M
0.62
0.024
S
(1) D and F do not include mold flash or protrusions. Mold flash or potrusions shall not exceed 0.15mm (.006inch).
OUTLINE AND
MECHANICAL DATA
8
°(max.)
TDA7334
10/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com