Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7334 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7334
Description  LOW NOISE STEREO PREAMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7334 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7334 Datasheet HTML 1Page - STMicroelectronics TDA7334 Datasheet HTML 2Page - STMicroelectronics TDA7334 Datasheet HTML 3Page - STMicroelectronics TDA7334 Datasheet HTML 4Page - STMicroelectronics TDA7334 Datasheet HTML 5Page - STMicroelectronics TDA7334 Datasheet HTML 6Page - STMicroelectronics TDA7334 Datasheet HTML 7Page - STMicroelectronics TDA7334 Datasheet HTML 8Page - STMicroelectronics TDA7334 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ELECTRICAL CHARACTERISTICS (VS =8V;RIN = 600
Ω; f = 1KHz; Tamb =25°C; unless other-
wise specified (see figure 2)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage
6
8
11
V
IS
Supply Current
7.5
9.0
mA
SVR
Ripple Rejection
Input referred (ripple = 1V)
105
dB
MUTEth
Mute (Pin 7)
OFF
ON
0
3.5
0.8
VS
V
V
MUTEA
Mute Attenuation
60
80
dB
RI
Input Resistance
100
K
Vout DC
Output Voltage DC
3.2
3.6
4.2
V
II
Input Bias Current
10
µA
GVO
Open Loop Gain
f = 400Hz
110
dB
GV
Closed Loop Gain
NAB short
30
31
32.5
dB
∆GV
Closed Loop Gain Match
NAB short
-1
1
dB
VOM
Signal Handling
THD = 1%, VCC = 7.6V
1.8
2.0
Vrms
RN
Resistance Normal Position
100
300
SR
Slew Rate
NAB Short
1
V/
µs
eN
Total Input Noise
RIN= 600
Ω; unweighted
0.8
µV
RIN= 600
Ω; Aweighted
0.5
µV
RIN=0
; unweighted
0.45
µV
RO
Output Resistance
1
K
F/Rl
Rev. Low Level (pin 8)
IN2 = ON; IN1 = OFF
0
0.8
V
F/Rh
Forward High Level (pin 8)
IN2 = OFF; IN1 = ON
3.5
VS
V
EQl
Normal Low Level (pin 16)
0
0.8
V
EQh
Metal High Level (pin 16)
3.5
VS
V
THD
Total Harmonic Distortion
VO = 1V; f = 1KHz metal
0.02
%
VO = 1V; f = 1KHz normal
0.02
0.1
%
VO = 1V; f = 10KHz metal
0.05
%
VO = 1V; f = 10KHz normal
0.04
%
SVR1
Ripple Rejection
NAB short
75
dB
CS
Channel Separation (L to R)
45
60
dB
CCT
Channel Cross talk (F to R)
60
80
dB
S/N
Signal to Noise
VO = 388mV; metal
63
dB
TDA7334
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com