Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7335 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7335
Description  STEREO PREAMP AMS DOLBY B* NOISE REDUCTION PROCESSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7335 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7335 Datasheet HTML 3Page - STMicroelectronics TDA7335 Datasheet HTML 4Page - STMicroelectronics TDA7335 Datasheet HTML 5Page - STMicroelectronics TDA7335 Datasheet HTML 6Page - STMicroelectronics TDA7335 Datasheet HTML 7Page - STMicroelectronics TDA7335 Datasheet HTML 8Page - STMicroelectronics TDA7335 Datasheet HTML 9Page - STMicroelectronics TDA7335 Datasheet HTML 10Page - STMicroelectronics TDA7335 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AUDIO MUSIC SENSOR (See Figure 2)
Aim of this section is to detect interprogram
spaces present on a recorded tape.
Both the blanks (interprogram spaces) and the
programs minimum detectable durations can be
easily set by means of 2 external and inde-
pendent time constants.
Also the minimum detectable input signal level
can be externally adjusted, by a dedicated gain
network.
Main blocks are:
Variable gain limiter amplifier
Signal detector circuitry
Logic blocks able to avoid unproper operations.
Operations Description (refer to the simplified
schematic of Figure 2).
a)The two channels left and right mean signal
coming from the preamp chain (AC coupled)
are added (current) at the AMS input and pre-
sented to the limiter amplifier. The limiter am-
plifier gain is internally fixed to 40dB, and it
could be reduced by the R8 external resistor.
The AMSVth threshold is fixed at 1V. The fol-
lowing signal detector comparator informs of
the presence of music signal (High level out)
and avoids the erroneous detection of very
low signal (like noise) as real program.
b)The system moves in blank detection mode
everytime the supply is turned on or, with
power supplied, the AMS On/Off pin (to be
driven by an open collector output) is turned
off (T1 open). Once this condition has hap-
pened, the capacitor C15 charges, defining a
minimum reset time, long enough to reset the
Flip-Flops FF1 and FF2 and to descharge the
program detector external C7 capacitor. The
charging current at the AMS SW pin is about
10
µA. It follows that the reset time (C15 x
Vpin8)/IC15 is given approximately by 0.122 x
C15 ns where C15 is in
µF.
ELECTRICAL CHARACTERISTICS (continued)
DOLBY SECTION
Symbol
Parameter
Test Condition
DOLBY
Min.
Typ.
Max.
Unit
RDO
Dolby Output Impedance
(pin 13, 18)
100
200
300
Ω
S/H
Signal Handling
VS = 8V; THD = 1%
OFF
12
13
dB
B DEC 1
Decode Out
f = 10KHz; VI = 0.4dB
ON
-1.5
0
1.5
dB
B DEC 2
Decode Out
f = 500Hz; VI = -22.1dB
ON
-26.5
-25
-23.5
dB
B DEC 3
Decode Out
f = 2KHz; VI = -18dB
ON
-26.5
-25
-23.5
dB
B DEC 4
Decode Out
f = 5KHz; VI = -29.7dB
ON
-41.5
-40
-38.5
dB
B DEC 5
Decode Out
f = 10KHz; VI = -29.6dB
ON
-41.5
-40
-38.5
dB
NRl
Dolby ONLow Level Pin20
0
0.8
V
NRh
Dolby OFF High Level Pin 20
2
VS
V
GENERAL (PREAMPLIFIER + DOLBY)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
THD
Total Harmonic Dist.
VO = 0dB; f = 1KHz Dolby OFF
0.02
0.1
%
VO = 0dB; f = 1KHz Dolby ON
0.05
0.1
%
VO = 0dB; f = 10KHz Dolby OFF
0.03
%
VO = 0dB; f = 10KHz Dolby ON
0.08
%
S/N
Signal to Noise Ratio
Rg = 600
Ω;VO = 0dB;
Unweighted; Dolby OFF
63
dB
Rg = 600
Ω;VO = 0dB;
Unweighted; Dolby ON
70
dB
Rg =600
Ω;VO = 0dB;
CCIR/ARM; Dolby OFF
54
63
dB
Rg =600
Ω;VO = 0dB;
CCIR/ARM; Dolby ON
56
72
dB
CS
Channel Separation
Rg = 600
Ω; f = 1KHz Dolby OFF
50
64
dB
Rg = 600
Ω; f = 1KHz Dolby ON
70
dB
CT
Channel Cross Talk
Rg = 600
Ω; f = 1KHz Dolby OFF
56
70
dB
Rg = 600
Ω; f = 1KHz Dolby ON
75
dB
TDA7335
7/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com