Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7335 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7335
Description  STEREO PREAMP AMS DOLBY B* NOISE REDUCTION PROCESSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7335 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7335 Datasheet HTML 4Page - STMicroelectronics TDA7335 Datasheet HTML 5Page - STMicroelectronics TDA7335 Datasheet HTML 6Page - STMicroelectronics TDA7335 Datasheet HTML 7Page - STMicroelectronics TDA7335 Datasheet HTML 8Page - STMicroelectronics TDA7335 Datasheet HTML 9Page - STMicroelectronics TDA7335 Datasheet HTML 10Page - STMicroelectronics TDA7335 Datasheet HTML 11Page - STMicroelectronics TDA7335 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
c)From now on where the sum input signal (left-
right) amplified by the limiter exceeds the sig-
nal detector threshold (3) the capacitor C7 is
forced to charge. When the voltage across
this
capacitor
reaches
the
comparator
COMP1 threshold voltage Vth1 (approx. 2 Vbe)
FF1 is set and FF2 is reset. (4) It follows that
Q1 is turned on discharging the program de-
tection capacitor (C7).
d)Always when there is a recorded zone, Q1 is
on; it becomes off only if a blank section is
reached. When, with a time constant control-
led by the R9,C9 network the voltage at
space detection time pin reaches Vth2 thresh-
old (comparator COMP2) a true blank section
is detected and the FF2 is set. (The minimum
charging time is approximately given by:
0.69 x C9x R9 [sec]
In this condition Q2 is ON, forcing the open
collector AMS output to go LOW, informing
the user that a true blank section has been
detected. The state is then able to start from
the above point c). Figures 3-4 show the sig-
nal behaviour.
The device is able to prevent false interspace de-
tection and the end of the tape. (see Fig. 4).
Note:
(3): minimum RMS input signal is given by:
Vin
= AMSVth
=
1K
+ R8
101K
+ R8 ⋅
0.6
where Vin is the mean of left and right channels:
Vin
=
Vright
+ Vleft
2
(4): the charging current at pin 9 is about 20
µA
(half input signal) so program detection time
constant is given by:
C7 x 2Vbe
20
µA
= 70 x C7 [µF] = [msec]
It is recommended to insert a resistor (R7) high
enough to prevent fast C7 capacitor discharging.
AMS Gin
RB
0.22
µF
C8
IN-L
21
1K
100K
Rp21
R9
+
Vs
6
25
IN-R
LIMITER
AMPLIFIER
Vth0
-
+
SIGNAL DETECT.
COMPARATOR
Vs
POWER-ON
RESET
AMS th
NOR1
Q1
Vth1
-
+
22
AMS OUT
Q
FF2
S
R
COMP1
COMP2
Q2
Q
FF1
R
S
Q
0.1
µF
C7
R7
500K
PROGRAM
DETECTION TIME
T2
T1
C15
C9
R9
SPACE
DETECTION
TIME
Vs
INTS
AMS SW
INTP
23
9
D93AU098
10
8
Figure 2: Audio Music Sensor
TDA7335
8/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com