Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7335 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7335
Description  STEREO PREAMP AMS DOLBY B* NOISE REDUCTION PROCESSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7335 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7335 Datasheet HTML 1Page - STMicroelectronics TDA7335 Datasheet HTML 2Page - STMicroelectronics TDA7335 Datasheet HTML 3Page - STMicroelectronics TDA7335 Datasheet HTML 4Page - STMicroelectronics TDA7335 Datasheet HTML 5Page - STMicroelectronics TDA7335 Datasheet HTML 6Page - STMicroelectronics TDA7335 Datasheet HTML 7Page - STMicroelectronics TDA7335 Datasheet HTML 8Page - STMicroelectronics TDA7335 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage
12
V
Ptot
Total Power Dissipation
1
W
Top
Operating Temperature Range
-40 to 85
°C
Tstg
Storage Temperature Range
-40 to 150
°C
THERMAL DATA
Rth j-pins
Thermal resistance junction-pins
85
°C/W
PIN FUNCTIONS
N.
Name
VDC (V)
Function
1
GND
Ground
2,3
IN L1,IN L2
0
Preamplifier Left Inputs 1,2
4,27
EQLI, EQRI
4.6
Equalizer Inputs
5, 26
EQLO, EQRO
4.6
Equalizer Outputs
6, 25
OUTL, OUTR
4.6
Preamplifier Outputs
7, 24
DINL, DINR
Vref
Dolby NR Inputs
8
AMS SW
5.6
Audio Music Sensor Switch (ON/OFF) HIGH = ON
9
INTP
Interprogram Time Constant (”Signal Detection”)
10
INTS
Interspace Time Constant (”Blank Detection”)
11
MUTE
Mute Switch ON = LOW (2)
12, 19
TLC, TCR
0.4
Dolby Time Constants
13, 18
DOUTL, DOUTR
Vref
Dolby Outputs
14
Iref
1.2
Reference Current Source
15
F/R SW
5.6
Forward/Reverse Switch HIGH = Forward LOW = Reverse
16
VS
Positive Power Supply
17
Vref
VS/2
Reference Voltage
20
NR SW
Noise reduction ON/OFF: HIGH = OFF (2)
21
AMS GIN
1.4
Audio Music Sensor Input Pin
22
AMS OUT
Audio Music Sensor Output Pin (open collector configuration, see Fig. 2)
23
GND DIG.
0
Digital Ground
28, 29
IN R1,IN R2
0
Preamplifier Right Inputs 1,2
30
EQ SW
0
Equalizer Switch (Low = normal position High = metal position)
(2) Internal pull-up resistor (digital high level if pin left open)
TDA7335
2/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com