Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7338 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7338
Description  STEREO DECODER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7338 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7338 Datasheet HTML 3Page - STMicroelectronics TDA7338 Datasheet HTML 4Page - STMicroelectronics TDA7338 Datasheet HTML 5Page - STMicroelectronics TDA7338 Datasheet HTML 6Page - STMicroelectronics TDA7338 Datasheet HTML 7Page - STMicroelectronics TDA7338 Datasheet HTML 8Page - STMicroelectronics TDA7338 Datasheet HTML 9Page - STMicroelectronics TDA7338 Datasheet HTML 10Page - STMicroelectronics TDA7338 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
2.2V
TRIG. THRESHOLD
0.9V
VPEAK
E’
D95AU370
MONO
STEREO
noisy signal
good signal
ATC_SB OFF
(PROG=VS)
NOISE
≈3V
Figure 5: Behaviour of the Field Strength Controlled Threshold Adiustment
100K
68K
33K
470nF
10K
680pF
MONO
MPX
4)
VR
17
19
20
PILOT_IND
18
16
15
SIGNAL
STRENGTH
47K
47K
47K 1)
68K 1)
100K
100K
VCO_OFF
(FM ENABLE)
330pF
7
10K
10K
MUTE
47nF
24
456KHz
3
5
VS 9V
100nF
10
µF
1nF 2)
1nF 2)
13
14
12
11
IN R
OUT
9
10
IN L
OUT
47K
47K
56pF 3)
56pF 3)
6
LEVEL
(SIGNAL STRENGTH)
D95AU371A
TDA7338
1) has to be adapted to the signal strength
2) for deemphasis = 50
µs
3) not absolutely necessary
4) roll off: to be adjusted to the tuner part
1
Figure 6: Application Diagram
TDA7338
8/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com