Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7338 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7338
Description  STEREO DECODER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7338 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7338 Datasheet HTML 1Page - STMicroelectronics TDA7338 Datasheet HTML 2Page - STMicroelectronics TDA7338 Datasheet HTML 3Page - STMicroelectronics TDA7338 Datasheet HTML 4Page - STMicroelectronics TDA7338 Datasheet HTML 5Page - STMicroelectronics TDA7338 Datasheet HTML 6Page - STMicroelectronics TDA7338 Datasheet HTML 7Page - STMicroelectronics TDA7338 Datasheet HTML 8Page - STMicroelectronics TDA7338 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
10.5
V
ICC
Supply Current
20
mA
Tstg
Storage temperature
-55 to 150
°C
Tamb
Operating ambient temperature
-40 to 85
°C
THERMAL DATA
Symbol
Description
DIP 20
SO 20
Unit
Rthj-pins
Thermal resistance junction-pins
Typ
100
200
°C/W
ESD
All pins are protected against ESD according to the MIL883 standard.
MPX
PILOT
DETECTOR
80KHz
LPF
DEMODULATOR
LEVEL
CONTROL
25KHz
LPF
19KHz
SC NOTCH
NOISE
BLANKER
HIGH
CUT
CONTROL
PEAK
DETECTOR
PULSE
FORMER
AMP
AMP
AMP
SC
PHASE
DETECTOR
&
PHASE
FILTER
DIVIDERS
VCO
140KHz
LPF
120KHz
LPF
AMP
PLL
TRIGGER
THRESHOLD
REFERENCE
20K
20K
CREF
IN L
OUT L
OUT R
IN R
HCR
HCL
MONO
PILOT
IND.
VR
VSB
VHCC
MPX IN
CSB456F11
VCO
26
1
7
8
3
5
VCO OFF
MUTE
TBLANK
PEAK
LEVEL
PROG
GND
VS
D95AU364C
20
19
18
17
16
15
14
13
12
11
10
9
4
1
µF
40.2K
1nF
1nF
70K
40.2K
40.2K
4.7
µF
47nF
470pF
BLOCK DIAGRAM AND TEST CIRCUIT
TDA7338
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com