Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7338 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7338
Description  STEREO DECODER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7338 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7338 Datasheet HTML 2Page - STMicroelectronics TDA7338 Datasheet HTML 3Page - STMicroelectronics TDA7338 Datasheet HTML 4Page - STMicroelectronics TDA7338 Datasheet HTML 5Page - STMicroelectronics TDA7338 Datasheet HTML 6Page - STMicroelectronics TDA7338 Datasheet HTML 7Page - STMicroelectronics TDA7338 Datasheet HTML 8Page - STMicroelectronics TDA7338 Datasheet HTML 9Page - STMicroelectronics TDA7338 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
frequency is reduced down to 1kHz to improve
the signal to noise ratio. Furthermore the condi-
tions of the stereo separation (see fig.2) can be
controlled through the signal applied to Pin 16
(VSB). Both signal levels (VSB and VHCC) are
referred to Pin 17 (VR), with the characteristic
that the control range is 11% of VR.
By modifying the feedback resistor value of the
output stages (Pin 9 - 10, Pin 11 - 12) the total
gain of the stereodecoder can be modified.
Pin 7 and Pin 8 have an additional function. By
pulling them to ground the VCO-OFF (Pin 7) and
the MUTE (Pin 8) function are activated. The
MUTE signal disconnects the MPX-signal from
the circuit, while in combination with VCO-OFF
also the output buffers are disconnected from the
circuit. In this mode the output buffers can be
used for AM-stereo, cassette play back and other
purposes.
AM Mono Mode
By selecting VCO-OFF (Pin 7 to GND) the VCO
is switched off and the SB and HCC are disabled.
The deemphasis time constant is changed to
40
µs(fc = 4KHz).
DESCRIPTION OF THE NOISE BLANKER
In the normal automotive environment the MPX
signal is disturbed by ignition spikes, motors and
high frequency switches etc.
The aim of the noise blanker part is to cancel the
influence of the spikes produced by these compo-
nents. Therefore the output of the stereodecoder
is switched off for a time of 40
µs (average spike
duration).
In a first stage the spikes must be detected but to
avoid a wrong triggering on high frequency noise
a complex trigger control is implemented.
Behind the trigger stage a pulse former generates
the 40
µs ”blanking” pulse.
This duration of 40
µs can be varied by changing
the capacitor at pin 7.
1.1 Trigger Path
The incoming MPX signal is highpass-filtered,
amplified and rectified (block RECT-PEAK).
The second order highpass-filter has a corner-fre-
quency of 140KHz.
The rectifier signal, RECT, is used to generate by
peak-rectification a signal called PEAK, which is
available at the PEAK pin 8.
Also noise with a frequency >100KHz increases
the PEAK voltage. The value of the PEAK voltage
influences the trigger threshold voltage Vth (block
ATC). The higher the noise level the higher the
threshold.
Both signals, RECT and PEAK+Vth are fed to a
comparator (block PEAK-COMP) which outputs a
sawtooth-shaped waveform at the TBLANK pin 7.
A second comparator (block BLANK-COMP)
forms the internal blanking duration of 40
µs.
The noise blanker is supplied by his own biasing
circuit (block BIAS-MONO) to avoid any cross talk
to the signal path (block BIAS-MONO).
1.2 Noise Controlled Threshold Adjustment
(ATC)
The behaviour of the noise controlled threshold
adjustment is shown in fig. 4. It can be influenced
slightly by adding a resistor in parallel to the
PEAK capacitor at Pin 8 either to GND or VDD.A
resistor to GND will decrease the threshold
whereas a resistor to VDD will increase it. But it is
recommended to choose one of the internal
thresholds by use of the PROG pin (see table 1)
1.3 Automatic Threshold Control by the
Stereoblend voltage (ATC-SB)
Besides the noise controlled threshold adjustment
there is an additional possibility for influencing the
trigger. It is controlled by the difference between
Vsb and Vr, similar to the Stereoblend. The rea-
son for implementing such a second control will
be explained in the following:
The point where the MPX signal starts to become
noisy is fixed by the RF part. Therefore also the
starting point of the normal noise controlled trig-
ger adjustment is fixed (fig.5). But in some cases
the behaviour of the noiseblanker can be im-
proved by increasing the threshold even in a re-
gion of higher fieldstrength, for the MPX signal
often shows distortion in this range, which leads
to an undesired triggering.
Because of the overlap of this range and the
range of the stereo/mono transition it can be con-
trolled by Vsb and Vr. This threshold increase is
programmable(see fig. 5).
1.4 Blend Mode
Another possibility to avoid a disturbing triggering
on modulation is to use the spikes on the field-
strength signal (LEVEL pin). But in the range of
higher fieldstrength the signal saturates and no
more spike detection is possible. For this reason
the TDA7338 offers the ”BLEND MODE”. When
”BLEND MODE” is activated a smooth transition
between the LEVEL- and the MPX-signal is used
to detect the spikes either on LEVEL or on MPX.
In the lower fieldstrength range mainly the
LEVEL-signal is used whereas in the higher
range mainly the MPX is used. This switching is
controlled also by the normal Stereoblend signal
to avoid additional pins.
”BLEND MODE OFF” is activated by connecting
the LEVEL pin to GND (LEVEL must be also con-
nected to GND if not used).
TDA7338
6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com