Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7360HS Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7360HS
Description  22W BRIDGE / STEREO AUDIO AMPLIFIER WITH CLIPPING DETECTOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7360HS Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7360HS Datasheet HTML 9Page - STMicroelectronics TDA7360HS Datasheet HTML 10Page - STMicroelectronics TDA7360HS Datasheet HTML 11Page - STMicroelectronics TDA7360HS Datasheet HTML 12Page - STMicroelectronics TDA7360HS Datasheet HTML 13Page - STMicroelectronics TDA7360HS Datasheet HTML 14Page - STMicroelectronics TDA7360HS Datasheet HTML 15Page - STMicroelectronics TDA7360HS Datasheet HTML 16Page - STMicroelectronics TDA7360HS Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
OUTPUT STAGE
Poor current capability and low cutoff frequency
are well known limits of the standard lateral PNP.
Composite PNP-NPN power output stages have
been widely used, regardless their high saturation
drop. This drop can be overcome only at the ex-
pense of external components, namely, the boot-
strap capacitors. The availability of 4A isolated
collector PNP (ICV PNP) adds versatility to the
design. The performance of this component, in
terms of gain, VCEsat and cut-off frequency, is
shown in fig. 29, 30, 31 respectively. It is realized
in a new bipolar technology, characterized by top-
bottom isolation techniques, allowing the imple-
mentation of low leakage diodes, too. It guaran-
tees BVCEO > 20V and BVCBO > 50V both for
NPN and PNP transistors. Basically, the connec-
tion shown in fig. 32 has been chosen. First of all
because its voltage swing is rail-to-rail, limited
only by the VCEsat of the output transistors,
which are in the range of 0.3
Ω each. Then, the
gain VOUT/VIN is greater than unity, approxi-
mately 1+R2/R1. (VCC/2 is fixed by an auxiliary
amplifier common to both channel). It is possible,
controlling the amount of this local feedback, to
force the loop gain (A *
β) to less than unity at fre-
quencies for which the phase shift is 180
°. This
means that the output buffer is intrinsically stable
and not prone to oscillation.
In contrast, with the circuit of fig. 33, the solution
adopted to reduce the gain at high frequencies is
the use of an external RC network.
AMPLIFIER BLOCK DIAGRAM
The block diagram of each voltage amplifier is
shown in fig. 34. Regardless of production
spread, the current in each final stage is kept low,
with enough margin on the minimum, below which
cross-over distortion would appear.
Figure 29: ICV - PNP Gain vs. IC
Figure 30: ICV - PNP VCE(sat) vs. IC
Figure 31: ICV - PNP cut-off frequency vs. IC
Figure 32: The New Output Stage
TDA7360
13/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com