Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7360HS Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7360HS
Description  22W BRIDGE / STEREO AUDIO AMPLIFIER WITH CLIPPING DETECTOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7360HS Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7360HS Datasheet HTML 14Page - STMicroelectronics TDA7360HS Datasheet HTML 15Page - STMicroelectronics TDA7360HS Datasheet HTML 16Page - STMicroelectronics TDA7360HS Datasheet HTML 17Page - STMicroelectronics TDA7360HS Datasheet HTML 18Page - STMicroelectronics TDA7360HS Datasheet HTML 19Page - STMicroelectronics TDA7360HS Datasheet HTML 20Page - STMicroelectronics TDA7360HS Datasheet HTML 21Page - STMicroelectronics TDA7360HS Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
BALANCED INPUT IN BRIDGE CONFIGURATION
A helpful characteristic of the TDA7360 is that,in
bridge configuration, a signal present on both the
input capacitors is amplified by the same amount
and it is present in phase at the outputs,so this
signal does not produce effects on the load.The
typical value of CMRR is 46 dB.
Looking at fig 46, we can see that a noise signal
from the ground of the power amplifier to the
ground of the hypothetical preamplifier is ampli-
fied of a factor equal to the gain of the amplifier
(2 * Gv).
Using a configuration of fig. 47 the same ground
noise is present at the output multiplied by the
factor 2 * Gv/200.
This means less distortion,less noise (e.g. motor
cassette noise ) and/or a simplification of the lay-
out of PC board.
The only limitation of this balanced input is the
maximum amplitude of common mode signals
(few tens of millivolt) to avoid a loss of output
power due to the common mode signal on the
output, but in a large number of cases this signal
is within this range.
Figure 46
Figure 47
Figure 45
TDA7360
19/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com