Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7360HS Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7360HS
Description  22W BRIDGE / STEREO AUDIO AMPLIFIER WITH CLIPPING DETECTOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7360HS Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7360HS Datasheet HTML 14Page - STMicroelectronics TDA7360HS Datasheet HTML 15Page - STMicroelectronics TDA7360HS Datasheet HTML 16Page - STMicroelectronics TDA7360HS Datasheet HTML 17Page - STMicroelectronics TDA7360HS Datasheet HTML 18Page - STMicroelectronics TDA7360HS Datasheet HTML 19Page - STMicroelectronics TDA7360HS Datasheet HTML 20Page - STMicroelectronics TDA7360HS Datasheet HTML 21Page - STMicroelectronics TDA7360HS Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.373
4.5
4.627
0.172
0.177
0.182
B
2.65
0.104
C
1.6
0.063
E
0.49
0.515
0.55
0.019
0.020
0.022
E1
1.007
1.037
1.07
0.040
0.041
0.042
F
0.88
0.9
0.95
0.035
0.035
0.037
G
1.5
1.7
1.9
0.059
0.067
0.075
G.1
16.82
17.02
17.22
0.662
0.670
0.678
G2
6.61
6.807
7.01
0.260
0.268
0.276
G3
13.41
13.61
13.81
0.528
0.536 13.810
G4
3.2
3.4
3.6
0.126
0.134
0.142
G5
10.01
10.21
10.41
0.394
0.402
0.410
H1
19.6
0.772
H2
20.2
0.795
L1
19.28
19.58
19.88
0.759
0.771
0.783
L2
3.61
3.81
4.01
0.142
0.150
0.158
L3
17.25
17.5
17.75
0.679
0.689
0.699
L4
10.3
10.6
10.9
0.406
0.417
0.429
L5
(Inner)
3.4
3.75
4
0.134
0.148
0.157
L5
(Outer)
3.6
3.9
4.2
0.142
0.154
4.200
L7
2.65
2.9
0.104
0.114
R
0.75
1
1.25
0.030
0.039
0.049
S
1.9
2.6
0.075
0.102
S1
1.9
2.6
0.075
0.102
Dia1
3.65
3.85
0.144
0.152
Multiwatt11 H (Short leads)
L7
H1
Dia.1
S
S1
L3
L4
P
L1
V
E
H2
G3
C
A
B
L5
MULT11LHM
N
G
G2
F
RR
VV
L2
V
X
G4
G5
G1
H2
0.25min
0.50max
DETAIL X
60 to 90
E1
F
E
R1
OUTLINE AND
MECHANICAL DATA
TDA7360
21/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com