Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7365 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7365
Description  2 x 6W CAR RADIO AMPLIFIER PLUS SOLID STATE SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7365 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7365 Datasheet HTML 1Page - STMicroelectronics TDA7365 Datasheet HTML 2Page - STMicroelectronics TDA7365 Datasheet HTML 3Page - STMicroelectronics TDA7365 Datasheet HTML 4Page - STMicroelectronics TDA7365 Datasheet HTML 5Page - STMicroelectronics TDA7365 Datasheet HTML 6Page - STMicroelectronics TDA7365 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ELECTRICAL CHARACTERISTICS (Refer to the test circuit; VS = 14.4V; RL =4
Ω,Tamb =25°C,
f = 1kHz, unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Range
8
18
V
Id
Total Quiescent Drain Current
Power Switch Unloaded
80
mA
PO
Output Power
RL =4
Ω; THD = 10%
each channel
5.5
6
W
RL =2
Ω; THD = 10%
each channel
9W
d
Distortion
PO = 0.1 to 3W
0.08
0.3
%
CT
Cross Talk
f = 1kHz; Rg =0
f = 10kHz; Rg =0
50
55
50
dB
dB
RIN
Input Impedance
40
50
K
GV
Voltage Gain
39
40
41
dB
GV
Voltage Gain Match.
1
dB
EIN
Input Noise Voltage (*)
Rg = 0
1.2
5
µV
SVR
Supply Voltage Rejection
Rg = 0 ; f = 100Hz;
Vr = 0.5Vrms
45
50
dB
ASB
Stand-by Attenuation
60
90
dB
ISB
ST-BY Current Consumption
100
µA
VSB IN
ST-BY IN Threshold Voltage
1.5
V
VSB OUT
ST-BY OUT Threshold Voltage
3.5
V
VMIN
MUTE IN Threshold Voltage
1.5
V
VMOUT
MUTE OUT Threshold Voltage
3.5
V
POWER SWITCH CHARACTERISTICS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
IOp
Continuous Output Current
1.2
A
VDROP
Dropout Voltage
Io = 1A
1.4
V
(*) 22Hz to 22KHz
(**) A weighted
0.1
µF
C6
+Vs
470
µF
C5
47
µF C10
SVR
0.22
µFC1
IN1
IN2
0.22
µFC2
ST-BY
0.1
µF
C7
10K R1
50K
POWER
SWITCH
50K
4.7
µF
C9
PWR SWITCH
OUTPUT
TO THE
VOLTAGE REGULATOR
SUPPLYING THE LOW
SIGNAL SECTION
PW-GND
S-GND
OUT1
OUT2
MUTE
10K R2
10
µF
C8
1000
µFC3
1000
µFC4
D94AU116B
TEST AND APPLICATION CIRCUIT
TDA7365
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com