Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7365 Datasheet (PDF) - STMicroelectronics

TDA7365 Datasheet PDF - STMicroelectronics
Part # TDA7365
Download  TDA7365 Download
File Size   129.47 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 x 6W CAR RADIO AMPLIFIER PLUS SOLID STATE SWITCH

TDA7365 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7365 Datasheet PDF - STMicroelectronics

Part # TDA7365
Download  TDA7365 Click to download

File Size   129.47 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 x 6W CAR RADIO AMPLIFIER PLUS SOLID STATE SWITCH

TDA7365 Datasheet (HTML) - STMicroelectronics


TDA7365 Product details

DESCRIPTION
The TDA7365 is a new technologyDual Audio Amplifier in Multiwatt15 package especially designed for stereo car radio applications.
Thanks to the fully complementary output configuration the TDA7365 delivers a rail to rail voltage swing with no need of boostrap capacitors It includes a solid state switch, enabledby a ST-BY function common to the audio section, suitable for supplying both the signal processing part of the car radio set and the lamps. As a results the power-on operation is simplified, thereby saving cost and space in the whole power section.

■ OUTPUT POWER 2x6W/4Ω @14.4V, 1KHz, 10%
■ SOLID STATE POWER SWITCH INCLUDED
   (1A @ VDROP = 0.8V Typ.)
■ MINIMUM EXTERNAL COMPONENT COUNT
   - INTERNALLY FIXED GAIN (40dB)
   - NO BOOTSTRAP CAPACITORS
   - NO EXTERNAL COMPENSATION
■ ST-BY FUNCTION (CMOS COMPATIBLE)
■ MUTE FUNCTION (CMOS COMPATIBLE)
■ NO AUDIBLE POP DURING MUTE/ST-BY OPERATIONS
■ LOW SUPPLY SELF MUTING

PROTECTIONS
■ AC AUDIO OUTPUTS SHORT CIRCUIT TO GND
■ DC AUDIO OUTPUTS SHORT CIRCUIT TO GND AND TO VS AT POWER ON
■ SWITCH OUTPUT INTERNAL CURRENT LIMITATION
■ OVERRATING CHIP TEMPERATURE WITH SOFT THERMAL LIMITER
■ LOAD DUMP
■ FORTUITOUS OPEN GND
■ REVERSE BATTERY
■ ESD




Similar Part No. - TDA7365

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7360 STMICROELECTRONICS-TDA7360 Datasheet
224Kb / 22P
22W BRIDGE / STEREO AUDIO AMPLIFIER WITH CLIPPING DETECTOR
Oct-1998
logo
Unisonic Technologies
TDA7360 UTC-TDA7360 Datasheet
184Kb / 6P
20W BRIDGE/STEREO AUDIO AMPLIFIER WITH CLIPPING DETECTOR
TDA7360G-J11-T UTC-TDA7360G-J11-T Datasheet
235Kb / 6P
Very few external components
TDA7360G-J11-T UTC-TDA7360G-J11-T Datasheet
184Kb / 6P
20W BRIDGE/STEREO AUDIO AMPLIFIER WITH CLIPPING DETECTOR
TDA7360G-J15-T UTC-TDA7360G-J15-T Datasheet
184Kb / 6P
20W BRIDGE/STEREO AUDIO AMPLIFIER WITH CLIPPING DETECTOR
More results


Similar Description - TDA7365

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7372A STMICROELECTRONICS-TDA7372A Datasheet
170Kb / 10P
4 x 6W POWER AMPLIFIER FOR CAR RADIO
Apr-1995
TDA7372B STMICROELECTRONICS-TDA7372B Datasheet
170Kb / 10P
4 x 6W POWER AMPLIFIER FOR CAR RADIO
Apr-1995
TDA7376B STMICROELECTRONICS-TDA7376B Datasheet
104Kb / 9P
2 x 35W POWER AMPLIFIER FOR CAR RADIO
Sep-1998
TDA7393 STMICROELECTRONICS-TDA7393 Datasheet
121Kb / 9P
2 x 32W DUAL BRIDGE CAR RADIO AMPLIFIER
Oct-1998
TDA7560 STMICROELECTRONICS-TDA7560 Datasheet
353Kb / 10P
4 x 45W QUAD BRIDGE CAR RADIO AMPLIFIER PLUS HSD
Nov-1999
TDA7394 STMICROELECTRONICS-TDA7394 Datasheet
335Kb / 7P
2 x 30W DUAL BRIDGE CAR RADIO AMPLIFIER
logo
List of Unclassifed Man...
ILA1519 ETC-ILA1519 Datasheet
17Kb / 2P
2 x 6 Watt Stereo Car Radio Power Amplifier
logo
Integral Corp.
ILA1519B INTEGRAL-ILA1519B Datasheet
102Kb / 3P
2 X 6 WATT STEREO CAR RADIO POWER AMPLIFIER
logo
STMicroelectronics
TDA7376PD STMICROELECTRONICS-TDA7376PD Datasheet
170Kb / 9P
2 X 35W POWER AMPLIFIER FOR CAR RADIO
Apr-2004
TDA7560 STMICROELECTRONICS-TDA7560_05 Datasheet
277Kb / 11P
4 X 45W QUAD BRIDGE CAR RADIO AMPLIFIER PLUS HSD
Feb-2005
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com