Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7365 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7365
Description  2 x 6W CAR RADIO AMPLIFIER PLUS SOLID STATE SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7365 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7365 Datasheet HTML 1Page - STMicroelectronics TDA7365 Datasheet HTML 2Page - STMicroelectronics TDA7365 Datasheet HTML 3Page - STMicroelectronics TDA7365 Datasheet HTML 4Page - STMicroelectronics TDA7365 Datasheet HTML 5Page - STMicroelectronics TDA7365 Datasheet HTML 6Page - STMicroelectronics TDA7365 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TDA7365
2 x 6W CAR RADIO AMPLIFIER
PLUS SOLID STATE SWITCH
ADVANCE DATA
OUTPUT POWER 2x6W/4
Ω @14.4V, 1KHz,
10%
SOLID STATE POWER SWITCH INCLUDED
(1A @ VDROP = 0.8V Typ.)
MINIMUM EXTERNAL COMPONENT COUNT
- INTERNALLY FIXED GAIN (40dB)
- NO BOOTSTRAP CAPACITORS
- NO EXTERNAL COMPENSATION
ST-BY FUNCTION (CMOS COMPATIBLE)
MUTE FUNCTION (CMOS COMPATIBLE)
NO AUDIBLE POP DURING MUTE/ST-BY
OPERATIONS
LOW SUPPLY SELF MUTING
PROTECTIONS
AC AUDIO OUTPUTS SHORT CIRCUIT TO
GND
DC AUDIO OUTPUTS SHORT CIRCUIT TO
GND AND TO VS AT POWER ON
SWITCH
OUTPUT
INTERNAL
CURRENT
LIMITATION
OVERRATING CHIP TEMPERATURE WITH
SOFT THERMAL LIMITER
LOAD DUMP
FORTUITOUS OPEN GND
REVERSE BATTERY
ESD
DESCRIPTION
The TDA7365 is a new technology Dual Audio Am-
plifier in Multiwatt15 package especially designed
for stereo car radio applications.
Thanks to the fully complementary output configu-
ration the TDA7365 delivers a rail to rail voltage
swing with no need of boostrap capacitors
It includes a solid state switch, enabled by a ST-BY
function common to the audio section, suitable for
supplying both the signal processing part of the car
radio set and the lamps. As a results the power-on
operation is simplified, thereby saving cost and
space in the whole power section.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
April 1995
BLOCK DIAGRAM
MULTIWATT15
ORDERING NUMBER: TDA7365
1/7


Similar Part No. - TDA7365

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7360 STMICROELECTRONICS-TDA7360 Datasheet
224Kb / 22P
22W BRIDGE / STEREO AUDIO AMPLIFIER WITH CLIPPING DETECTOR
Oct-1998
logo
Unisonic Technologies
TDA7360 UTC-TDA7360 Datasheet
184Kb / 6P
20W BRIDGE/STEREO AUDIO AMPLIFIER WITH CLIPPING DETECTOR
TDA7360G-J11-T UTC-TDA7360G-J11-T Datasheet
235Kb / 6P
Very few external components
TDA7360G-J11-T UTC-TDA7360G-J11-T Datasheet
184Kb / 6P
20W BRIDGE/STEREO AUDIO AMPLIFIER WITH CLIPPING DETECTOR
TDA7360G-J15-T UTC-TDA7360G-J15-T Datasheet
184Kb / 6P
20W BRIDGE/STEREO AUDIO AMPLIFIER WITH CLIPPING DETECTOR
More results

Similar Description - TDA7365

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7372A STMICROELECTRONICS-TDA7372A Datasheet
170Kb / 10P
4 x 6W POWER AMPLIFIER FOR CAR RADIO
Apr-1995
TDA7372B STMICROELECTRONICS-TDA7372B Datasheet
170Kb / 10P
4 x 6W POWER AMPLIFIER FOR CAR RADIO
Apr-1995
TDA7376B STMICROELECTRONICS-TDA7376B Datasheet
104Kb / 9P
2 x 35W POWER AMPLIFIER FOR CAR RADIO
Sep-1998
TDA7393 STMICROELECTRONICS-TDA7393 Datasheet
121Kb / 9P
2 x 32W DUAL BRIDGE CAR RADIO AMPLIFIER
Oct-1998
TDA7560 STMICROELECTRONICS-TDA7560 Datasheet
353Kb / 10P
4 x 45W QUAD BRIDGE CAR RADIO AMPLIFIER PLUS HSD
Nov-1999
TDA7394 STMICROELECTRONICS-TDA7394 Datasheet
335Kb / 7P
2 x 30W DUAL BRIDGE CAR RADIO AMPLIFIER
logo
List of Unclassifed Man...
ILA1519 ETC-ILA1519 Datasheet
17Kb / 2P
2 x 6 Watt Stereo Car Radio Power Amplifier
logo
Integral Corp.
ILA1519B INTEGRAL-ILA1519B Datasheet
102Kb / 3P
2 X 6 WATT STEREO CAR RADIO POWER AMPLIFIER
logo
STMicroelectronics
TDA7376PD STMICROELECTRONICS-TDA7376PD Datasheet
170Kb / 9P
2 X 35W POWER AMPLIFIER FOR CAR RADIO
Apr-2004
TDA7560 STMICROELECTRONICS-TDA7560_05 Datasheet
277Kb / 11P
4 X 45W QUAD BRIDGE CAR RADIO AMPLIFIER PLUS HSD
Feb-2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com