Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7372A Datasheet (PDF) - STMicroelectronics

TDA7372A Datasheet PDF - STMicroelectronics
Part # TDA7372A
Download  TDA7372A Download
File Size   170.39 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 6W POWER AMPLIFIER FOR CAR RADIO

TDA7372A Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7372A Datasheet PDF - STMicroelectronics

Part # TDA7372A
Download  TDA7372A Click to download

File Size   170.39 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 6W POWER AMPLIFIER FOR CAR RADIO

TDA7372A Datasheet (HTML) - STMicroelectronics


TDA7372A Product details

DESCRIPTION

The TDA7372A is a new technology class AB quad channels Audio Power Amplifier in Multiwatt15 package designed for car radio applications. Thanks to the fully complementary PNP/NPN output configuration the TDA7372A delivers a rail to rail voltage swing with no need of boostrap capacitors.



HIGH POWER CAPABILITY:

4x6W min/4Ω @14.4V, 1KHz, 10%

4x10W typ/2Ω @14.4V, 1KHz, 10%

MINIMUM EXTERNAL COMPONENT COUNT

- INTERNALLY FIXED GAIN (20dB)

- NO BOOTSTRAP CAPACITORS

- NO EXTERNAL COMPENSATION

ST-BY FUNCTION (CMOS COMPATIBLE)

MUTE FUNCTION (CMOS COMPATIBLE)

NO AUDIBLE POP DURING MUTE/ST-BY

OPERATIONS

LOW SUPPLY SELF MUTING

PROGRAMMABLE TURN ON DELAY



PROTECTIONS:

AC OUTPUT SHORT CIRCUIT TO GND

DC OUTPUT SHORT CIRCUIT TO GND AND TO VS AT POWER ON

SOFT THERMAL LIMITER

OVERRATING CHIP TEMPERATURE

LOAD DUMP VOLTAGE

FORTUITOUS OPEN GND

REVERSED BATTERY

ESD PROTECTION




Similar Part No. - TDA7372A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7372B STMICROELECTRONICS-TDA7372B Datasheet
170Kb / 10P
4 x 6W POWER AMPLIFIER FOR CAR RADIO
Apr-1995
More results


Similar Description - TDA7372A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7365 STMICROELECTRONICS-TDA7365 Datasheet
129Kb / 7P
2 x 6W CAR RADIO AMPLIFIER PLUS SOLID STATE SWITCH
Apr-1995
TDA7370 STMICROELECTRONICS-TDA7370 Datasheet
259Kb / 17P
QUAD POWER AMPLIFIER FOR CAR RADIO
Apr-1995
TDA7370B STMICROELECTRONICS-TDA7370B Datasheet
259Kb / 17P
QUAD POWER AMPLIFIER FOR CAR RADIO
Apr-1995
TDA7372B STMICROELECTRONICS-TDA7372B Datasheet
170Kb / 10P
4 x 6W POWER AMPLIFIER FOR CAR RADIO
Apr-1995
TDA7376B STMICROELECTRONICS-TDA7376B Datasheet
104Kb / 9P
2 x 35W POWER AMPLIFIER FOR CAR RADIO
Sep-1998
TDA7377 STMICROELECTRONICS-TDA7377 Datasheet
254Kb / 10P
2 x 30WDUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Sep-1998
TDA7376PD STMICROELECTRONICS-TDA7376PD Datasheet
170Kb / 9P
2 X 35W POWER AMPLIFIER FOR CAR RADIO
Apr-2004
TDA7376PD STMICROELECTRONICS-TDA7376PD_09 Datasheet
293Kb / 14P
2 x 35 W power amplifier for car radio
11-Dec-2009
TDA7370BV STMICROELECTRONICS-TDA7370BV Datasheet
7Mb / 17P
QUAD POWER AMPLIFIER FOR CAR RADIO
Sep-2003
logo
List of Unclassifed Man...
YD7377 ETC-YD7377 Datasheet
272Kb / 10P
2 x 30WDUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
September 1998
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com