Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7372A Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7372A
Description  4 x 6W POWER AMPLIFIER FOR CAR RADIO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7372A Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7372A Datasheet HTML 1Page - STMicroelectronics TDA7372A Datasheet HTML 2Page - STMicroelectronics TDA7372A Datasheet HTML 3Page - STMicroelectronics TDA7372A Datasheet HTML 4Page - STMicroelectronics TDA7372A Datasheet HTML 5Page - STMicroelectronics TDA7372A Datasheet HTML 6Page - STMicroelectronics TDA7372A Datasheet HTML 7Page - STMicroelectronics TDA7372A Datasheet HTML 8Page - STMicroelectronics TDA7372A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TDA7372A
4 x 6W POWER AMPLIFIER FOR CAR RADIO
ADVANCE DATA
HIGH POWER CAPABILITY:
4x6W min/4
Ω @14.4V, 1KHz, 10%
4x10W typ/2
Ω @14.4V, 1KHz, 10%
MINIMUM EXTERNAL COMPONENT COUNT
- INTERNALLY FIXED GAIN (20dB)
- NO BOOTSTRAP CAPACITORS
- NO EXTERNAL COMPENSATION
ST-BY FUNCTION (CMOS COMPATIBLE)
MUTE FUNCTION (CMOS COMPATIBLE)
NO AUDIBLE POP DURING MUTE/ST-BY
OPERATIONS
LOW SUPPLY SELF MUTING
PROGRAMMABLE TURN ON DELAY
PROTECTIONS:
AC OUTPUT SHORT CIRCUIT TO GND
DC OUTPUT SHORT CIRCUIT TO GND AND
TO VS AT POWER ON
SOFT THERMAL LIMITER
OVERRATING CHIP TEMPERATURE
LOAD DUMP VOLTAGE
FORTUITOUS OPEN GND
REVERSED BATTERY
ESD PROTECTION
DESCRIPTION
The TDA7372A is a new technology class AB quad
channels Audio Power Amplifier in Multiwatt15
package designed for car radio applications.
Thanks to the fully complementary PNP/NPN out-
put configuration the TDA7372A delivers a rail to
rail voltage swing with no need of boostrap capacitors.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
April 1995
BLOCK DIAGRAM
MULTIWATT15
ORDERING NUMBER: TDA7372A
1/10


Similar Part No. - TDA7372A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7372B STMICROELECTRONICS-TDA7372B Datasheet
170Kb / 10P
4 x 6W POWER AMPLIFIER FOR CAR RADIO
Apr-1995
More results

Similar Description - TDA7372A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7365 STMICROELECTRONICS-TDA7365 Datasheet
129Kb / 7P
2 x 6W CAR RADIO AMPLIFIER PLUS SOLID STATE SWITCH
Apr-1995
TDA7370 STMICROELECTRONICS-TDA7370 Datasheet
259Kb / 17P
QUAD POWER AMPLIFIER FOR CAR RADIO
Apr-1995
TDA7370B STMICROELECTRONICS-TDA7370B Datasheet
259Kb / 17P
QUAD POWER AMPLIFIER FOR CAR RADIO
Apr-1995
TDA7372B STMICROELECTRONICS-TDA7372B Datasheet
170Kb / 10P
4 x 6W POWER AMPLIFIER FOR CAR RADIO
Apr-1995
TDA7376B STMICROELECTRONICS-TDA7376B Datasheet
104Kb / 9P
2 x 35W POWER AMPLIFIER FOR CAR RADIO
Sep-1998
TDA7377 STMICROELECTRONICS-TDA7377 Datasheet
254Kb / 10P
2 x 30WDUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Sep-1998
TDA7376PD STMICROELECTRONICS-TDA7376PD Datasheet
170Kb / 9P
2 X 35W POWER AMPLIFIER FOR CAR RADIO
Apr-2004
TDA7376PD STMICROELECTRONICS-TDA7376PD_09 Datasheet
293Kb / 14P
2 x 35 W power amplifier for car radio
11-Dec-2009
TDA7370BV STMICROELECTRONICS-TDA7370BV Datasheet
7Mb / 17P
QUAD POWER AMPLIFIER FOR CAR RADIO
Sep-2003
logo
List of Unclassifed Man...
YD7377 ETC-YD7377 Datasheet
272Kb / 10P
2 x 30WDUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com