Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7372A Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7372A
Description  4 x 6W POWER AMPLIFIER FOR CAR RADIO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7372A Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7372A Datasheet HTML 1Page - STMicroelectronics TDA7372A Datasheet HTML 2Page - STMicroelectronics TDA7372A Datasheet HTML 3Page - STMicroelectronics TDA7372A Datasheet HTML 4Page - STMicroelectronics TDA7372A Datasheet HTML 5Page - STMicroelectronics TDA7372A Datasheet HTML 6Page - STMicroelectronics TDA7372A Datasheet HTML 7Page - STMicroelectronics TDA7372A Datasheet HTML 8Page - STMicroelectronics TDA7372A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ELECTRICAL CHARACTERISTICS (Refer to the test circuit; VS = 14.4V; RL =4
Ω,Tamb =25°C,
f = 1kHz, unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Range
8
18
V
Id
Total Quiescent Drain Current
150
mA
PO
Output Power
RL =4
Ω; THD = 10%
each channel
6
6.5
W
RL =2
Ω; THD = 10%
each channel
10
W
d
Distortion
RL =4
Ω;
PO = 0.1 to 3W
0.04
0.3
%
CT
Cross Talk
f = 1kHz; Rg =0
f = 10kHz; Rg =0
54
60
55
dB
dB
RIN
Input Impedance
35
K
Ω
GV
Voltage Gain
19
20
21
dB
GV
Voltage Gain Match.
1
dB
BW
Bandwidth
@ -3dB
100
KHz
ENO
Output Noise Voltage (*)
Rg = 0
120
µV
SVR
Supply Voltage Rejection
Rg = 0; f = 100Hz
48
dB
ASB
Stand-by Attenuation
80
dB
ISB
ST-BY Current Consumption
Vpin7 = 1.5V
100
µA
IPIN 7
ST-BY Pin Current
Play mode; Vpin7 = 5V
30
µA
Output Under Short (Max
driving current under fault)
5mA
VSB IN
ST-BY IN Threshold Voltage
1.5
V
VSB OUT
ST-BY OUT Threshold Voltage
3.5
V
AM
MUTE Attenuation
80
dB
VMIN
MUTE IN Threshold Voltage
1.5
V
VMOUT
MUTE OUT Threshold Voltage
3.5
V
(*) 22Hz to 22KHz
TDA7372A
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com