Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAL214855152E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL214855152E3
Description  Aluminum Capacitors Radial, Ultra High CV per Volume, Semi-Professional
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL214855152E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL214855152E3 Datasheet HTML 1Page - Vishay Siliconix MAL214855152E3 Datasheet HTML 2Page - Vishay Siliconix MAL214855152E3 Datasheet HTML 3Page - Vishay Siliconix MAL214855152E3 Datasheet HTML 4Page - Vishay Siliconix MAL214855152E3 Datasheet HTML 5Page - Vishay Siliconix MAL214855152E3 Datasheet HTML 6Page - Vishay Siliconix MAL214855152E3 Datasheet HTML 7Page - Vishay Siliconix MAL214855152E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.vishay.com
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28315
110
Revision: 04-Jan-08
148 RUS
Vishay BCcomponents
Aluminum Capacitors
Radial, Ultra High CV per Volume, Semi-Professional
CAPACITANCE (C)
T
amb (°C)
C
C0
C
0 = typical capacitance at 20 °C, 100 Hz
Fig. 5 Typical multiplier of capacitance as a function of
ambient temperature
- 60
- 40
- 20
0
20
40
60
80
100
120
1.2
1.1
1.0
0.8
0.9
1
2
3
3
1
2
Curve 1: 10 V
Curve 2: 63 V
Curve 3: 100 V
T
amb 20 °C
C
0 = typical capacitance at 20 °C, 100 Hz
Fig. 6 Typical multiplier of capacitance as
a function of frequency
1.2
1.0
0.0
0.6
0.2
0
0.4
10
10
2
10
3
10
4
10
5
2
1
3
C
C
0
Curve 1: 10 V
Curve 2: 50 V
Curve 3: 100 V
EQUIVALENT SERIES RESISTANCE (ESR)
T
amb (°C)
ESR
0 = typical ESR at 20 °C, 100 Hz
- 60
- 40
- 20
0
20
40
60
80
100
120
100
10
0.1
1
1
1
2
2
Fig.7 Multiplier of ESR as a function of ambient temperature
Curve 1: 10 V
Curve 2: 63 V
ESR
ESR
0
T
amb = 20 °C
ESR
0 = typical ESR at 20 °C, 100 Hz
Fig.8 Multiplier of ESR as a function of frequency
2.0
1.6
1.2
0.8
0
0.4
10
10
2
10
3
10
4
10
5
C
C
0
3
2
1
3
2
1
Curve 1: 10 V
Curve 2: 50 V
Curve 3: 100 V
IMPEDANCE (Z)
T
amb (°C)
Z
0 = typical impedance at 20 °C, 100 Hz
- 60
- 40
- 20
0
20
40
60
80
100
120
Fig.9 Multiplier of impedance as a function of ambient temperature
100
10
1
1
2
0
Curve 1: 100 V
Curve 2: < 63 V
Z
Z
0
T
amb = 20 °C
10
10
2
10
3
10
4
10
5
10
2
10
1
10
-1
10
-2
Curve 1: Ø 10 x 12 mm; 10 V
Curve 2: Ø 10 x 16 mm; 10 V
Curve 3: Ø 12.5 x 25 mm; 10 V
Curve 4: Ø 16 x 25 mm; 10 V
Curve 5: Ø 18 x 35 mm; 16 V
Fig.10 Typical impedance as a function of frequency
T
amb = 20 °C
10
10
2
10
3
10
4
10
5
10
2
10
1
10
-1
10
-2
Curve 1: Ø 10 x 12 mm; 10 V
Curve 2: Ø 10 x 16 mm; 10 V
Curve 3: Ø 12.5 x 25 mm; 10 V
Curve 4: Ø 16 x 25 mm; 10 V
Curve 5: Ø 18 x 35 mm; 16 V
Fig.10 Typical impedance as a function of frequency



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com