Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAL214855152E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MAL214855152E3
Description  Aluminum Capacitors Radial, Ultra High CV per Volume, Semi-Professional
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL214855152E3 Datasheet(HTML) 6 Page - Vishay Siliconix

  MAL214855152E3 Datasheet HTML 1Page - Vishay Siliconix MAL214855152E3 Datasheet HTML 2Page - Vishay Siliconix MAL214855152E3 Datasheet HTML 3Page - Vishay Siliconix MAL214855152E3 Datasheet HTML 4Page - Vishay Siliconix MAL214855152E3 Datasheet HTML 5Page - Vishay Siliconix MAL214855152E3 Datasheet HTML 6Page - Vishay Siliconix MAL214855152E3 Datasheet HTML 7Page - Vishay Siliconix MAL214855152E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Document Number: 28315
For technical questions contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 04-Jan-08
111
148 RUS
Aluminum Capacitors
Radial, Ultra High CV per Volume, Semi-Professional
Vishay BCcomponents
IMPEDANCE (Z)
RIPPLE CURRENT AND USEFUL LIFE
T
amb = 20 °C
10
10
2
10
3
10
4
10
5
10
2
10
1
10
-1
10
-2
Fig.11 Typical impedance as a function of frequency
T
amb = 20 °C
10
10
2
10
3
10
4
10
5
10
2
10
1
10
-1
10
-2
Curve 1: Ø 10 x 12 mm; 63 V
Curve 2: Ø 10 x 16 mm; 50 V
Curve 3: Ø 12.5 x 25 mm; 63 V
Curve 4: Ø 16 x 25 mm; 50 V
Curve 5: Ø 18 x 35 mm; 63 V
Z
(
Ω)
1
2
3
4
5
3.8
3.7
3.6
3.5
3.4
3.3
3.2
3.1
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
40
50
60
70
80
90
100
110
(1)
T
amb (°C)
Fig.12 Mulyiplier of useful life as a function of ambient ripple current load
lifetime multiplier
I
A
I
R
IA = actual ripple current at 100 Hz
IR = rated ripple current at 100 Hz, 105 °C
(1)Useful life at 105 °C and IR applied:
case
∅ D = 10 mm: 2000 h
case
∅ D ≥ 12.5 mm: 3000 h



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com