Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAL214855152E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL214855152E3
Description  Aluminum Capacitors Radial, Ultra High CV per Volume, Semi-Professional
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL214855152E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL214855152E3 Datasheet HTML 1Page - Vishay Siliconix MAL214855152E3 Datasheet HTML 2Page - Vishay Siliconix MAL214855152E3 Datasheet HTML 3Page - Vishay Siliconix MAL214855152E3 Datasheet HTML 4Page - Vishay Siliconix MAL214855152E3 Datasheet HTML 5Page - Vishay Siliconix MAL214855152E3 Datasheet HTML 6Page - Vishay Siliconix MAL214855152E3 Datasheet HTML 7Page - Vishay Siliconix MAL214855152E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Document Number: 28315
For technical questions contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 04-Jan-08
109
148 RUS
Aluminum Capacitors
Radial, Ultra High CV per Volume, Semi-Professional
Vishay BCcomponents
35
330
10 x 12
350
116
0.14
0.270
3.30
50331E3
60331E3
30331E3
470
10 x 16
480
165
0.14
0.190
2.10
50471E3
60471E3
30471E3
680
10 x 20
580
238
0.14
0.140
1.60
50681E3
60681E3
30681E3
1000
12.5 x 20
810
350
0.14
0.100
0.70
50102E3
60102E3
30102E3
1500
12.5 x 25
950
525
0.14
0.070
0.50
50152E3
60152E3
30152E3
1500
16 x 20
970
525
0.14
0.063
0.30
90155E3
90156E3
90153E3
2200
16 x 25
1270
770
0.16
0.045
0.25
50222E3
60222E3
30222E3
3300
16 x 31
1620
1155
0.18
0.037
0.20
50332E3
60332E3
30332E3
4700
18 x 35
1930
1645
0.20
0.033
0.20
50472E3
60472E3
-
50
220
10 x 12
330
110
0.12
0.280
3.40
51221E3
61221E3
31221E3
330
10 x 16
420
165
0.12
0.200
2.20
51331E3
61331E3
31331E3
470
10 x 20
530
235
0.12
0.140
1.60
51471E3
61471E3
31471E3
680
12.5 x 20
720
340
0.12
0.100
0.70
51681E3
61681E3
31681E3
1000
12.5 x 25
950
500
0.12
0.070
0.50
51102E3
61102E3
31102E3
1000
16 x 20
880
500
0.12
0.068
0.35
91105E3
91106E3
91103E3
1500
16 x 25
1180
750
0.12
0.047
0.30
51152E3
61152E3
31152E3
2200
16 x 31
1520
1100
0.14
0.039
0.20
51222E3
61222E3
31222E3
3300
18 x 35
1810
1650
0.16
0.035
0.20
51332E3
61332E3
-
63
100
10 x 12
230
63
0.10
0.320
3.90
58101E3
68101E3
38101E3
220
10 x 16
350
139
0.10
0.240
2.70
58221E3
68221E3
38221E3
330
12.5 x 20
540
208
0.10
0.130
0.90
58331E3
68331E3
38331E3
470
12.5 x 20
540
296
0.10
0.130
0.90
58471E3
68471E3
38471E3
680
12.5 x 25
760
428
0.10
0.085
0.65
58681E3
68681E3
38681E3
680
16 x 20
820
428
0.10
0.070
0.50
98685E3
98686E3
98683E3
1000
16 x 25
980
630
0.10
0.049
0.25
58102E3
68102E3
38102E3
1500
16 x 31
1390
945
0.10
0.042
0.20
58152E3
68152E3
38152E3
2200
18 x 35
1670
1386
0.12
0.038
0.20
58222E3
68222E3
-
100
47
10 x 12
165
47
0.08
0.640
19.20
59479E3
69479E3
39479E3
68
10 x 16
190
68
0.08
0.580
17.40
59689E3
69689E3
39689E3
100
10 x 20
260
100
0.08
0.380
11.40
59101E3
69101E3
39101E3
150
12.5 x 20
360
150
0.08
0.260
7.80
59151E3
69151E3
39151E3
220
12.5 x 25
440
220
0.08
0.170
5.10
59221E3
69221E3
39221E3
220
16 x 20
590
220
0.08
0.140
4.20
99225E3
99226E3
99223E3
330
16 x 25
630
330
0.08
0.120
3.60
59331E3
69331E3
39331E3
470
16 x 31
750
470
0.08
0.100
3.00
59471E3
69471E3
39471E3
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
105
°C
(mA)
IL2
2min
(µA)
tan
δ
100 Hz
Z
100 kHz
20
°C
(
Ω)
Z
100 kHz
- 40
°C
(
Ω)
ORDERING CODE
MAL2148.......
BULK PACKAGING
TAPED
FORM CA
FORM CB
FORM TFA
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
Us ≤ 1.15 UR
Reverse voltage
Urev ≤ 1V
Current
Leakage current
After 2 minutes at UR
IL2 ≤ 0.01 CR x UR
After 5 minutes at UR
IL5 ≤ 0.002 CR x UR
Inductance
Equivalent series inductance (ESL)
Case
∅ D = 10 mm
typ. 16 nH
Case
∅ D ≥ 12.5 mm
typ. 18 nH
Resistance
Equivalent series resistance (ESR)
calculated from tan
δ
max. and CR (see Table 2)
ESR = tan
δ/2 π f C
R



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com