Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7374 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7374
Description  DUAL BRIDGE AUDIO AMPLIFIER FOR CAR RADIO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7374 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7374 Datasheet HTML 5Page - STMicroelectronics TDA7374 Datasheet HTML 6Page - STMicroelectronics TDA7374 Datasheet HTML 7Page - STMicroelectronics TDA7374 Datasheet HTML 8Page - STMicroelectronics TDA7374 Datasheet HTML 9Page - STMicroelectronics TDA7374 Datasheet HTML 10Page - STMicroelectronics TDA7374 Datasheet HTML 11Page - STMicroelectronics TDA7374 Datasheet HTML 12Page - STMicroelectronics TDA7374 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DC Voltage
The maximum operating DC voltage for the
TDA7374B is 18V.
However the device can withstand a DC voltage
up to 28V with no damage. This could occur dur-
ing winter if two batteries are series connected to
crank the engine.
Thermal Shut-down
The presence of a thermal limiting circuit offers
the following advantages:
1)an overload on the output (even if it is perma-
nent), or an excessive ambient temperature
can be easily withstood.
2)the heatsink can have a smaller factor of
safety compared with that of a conventional
circuit. There is no device damage in case of
excessive junction temperature: all happens
is that Po (and therefore Ptot) and Id are re-
duced.
The maximum allowable power dissipation de-
pends upon the size of the external heatsink (i.e.
its thermal resistance); Fig. 17 shows the dissi-
pable power as a function of ambient temperature
for different thermal resistance.
Loudspeaker Protection
The TDA7374B guarantees safe operations even
for the loudspeaker in case of accidental shortcir-
cuit.
Whenever a single OUT to GND, OUT to VS short
circuit occurs both the outputs are switched OFF
so limiting dangerous DC current flowing through
the loudspeaker.
Figure 17: Maximum Allowable Power
Dissipation vs. Ambient Temperature
TDA7374B
9/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com