Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7374 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7374
Description  DUAL BRIDGE AUDIO AMPLIFIER FOR CAR RADIO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7374 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7374 Datasheet HTML 1Page - STMicroelectronics TDA7374 Datasheet HTML 2Page - STMicroelectronics TDA7374 Datasheet HTML 3Page - STMicroelectronics TDA7374 Datasheet HTML 4Page - STMicroelectronics TDA7374 Datasheet HTML 5Page - STMicroelectronics TDA7374 Datasheet HTML 6Page - STMicroelectronics TDA7374 Datasheet HTML 7Page - STMicroelectronics TDA7374 Datasheet HTML 8Page - STMicroelectronics TDA7374 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TDA7374B
DUAL BRIDGE AUDIO AMPLIFIER FOR CAR RADIO
MINIMUM EXTERNAL COMPONENT COUNT
NO BOOTSTRAP CAPACITORS
NO BOUCHEROT CELLS
CLIP DETECTOR OUTPUT
HIGH OUTPUT POWER
FIXED GAIN
VERY LOW STAND-BY CURRENT (1
µA typ)
NO SWITCH ON/OFF NOISE
PROTECTIONS:
OUTPUT AC/DC SHORT CIRCUIT TO GND
AND TO VS
VERY INDUCTIVE LOADS
OVERRATING CHIP TEMPERATURE
LOAD DUMP VOLTAGE
FORTUITOUS OPEN GND
REVERSE BATTERY
ESD
DESCRIPTION
The TDA7374B is a new technology class AB
Audio Dual Bridge Power Amplifier in Multiwatt
package designed for car radio applications.
Thanks to the fully complementary PNP/NPN out-
put configuration the high power performances of
the TDA7374B are obtained without bootstrap ca-
pacitors.
April 1995
TEST AND APPLICATION CIRCUIT
MULTIWATT 15
ORDERING NUMBERS: TDA7374BV
1/13


Similar Part No. - TDA7374

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7374 STMICROELECTRONICS-TDA7374 Datasheet
360Kb / 19P
Dual bridge audio amplifier for car radio
30-Jun-2008
TDA7374BV STMICROELECTRONICS-TDA7374BV Datasheet
360Kb / 19P
Dual bridge audio amplifier for car radio
30-Jun-2008
TDA7374 STMICROELECTRONICS-TDA7374_08 Datasheet
360Kb / 19P
Dual bridge audio amplifier for car radio
30-Jun-2008
More results

Similar Description - TDA7374

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2005 STMICROELECTRONICS-TDA2005 Datasheet
259Kb / 20P
20W BRIDGE AMPLIFIER FOR CAR RADIO
Oct-1998
TDA7241B STMICROELECTRONICS-TDA7241B Datasheet
110Kb / 7P
20W BRIDGE AMPLIFIER FOR CAR RADIO
Jul-1997
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
10W CAR RADIO AUDIO AMPLIFIER
A7240 UTC-A7240 Datasheet
106Kb / 6P
20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA7374 STMICROELECTRONICS-TDA7374_08 Datasheet
360Kb / 19P
Dual bridge audio amplifier for car radio
30-Jun-2008
logo
Unisonic Technologies
PA2005 UTC-PA2005 Datasheet
522Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
TDA2005 UTC-TDA2005 Datasheet
518Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
A7240 UTC-A7240_15 Datasheet
195Kb / 6P
20W BRIDGE AMPLIFIER FOR CAR RADIO
PA2005 UTC-PA2005_15 Datasheet
522Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
Hangzhou Youwang Electr...
UTC2003 YOUWANG-UTC2003 Datasheet
142Kb / 8P
CAR RADIO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com