Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7374 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7374
Description  DUAL BRIDGE AUDIO AMPLIFIER FOR CAR RADIO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7374 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7374 Datasheet HTML 5Page - STMicroelectronics TDA7374 Datasheet HTML 6Page - STMicroelectronics TDA7374 Datasheet HTML 7Page - STMicroelectronics TDA7374 Datasheet HTML 8Page - STMicroelectronics TDA7374 Datasheet HTML 9Page - STMicroelectronics TDA7374 Datasheet HTML 10Page - STMicroelectronics TDA7374 Datasheet HTML 11Page - STMicroelectronics TDA7374 Datasheet HTML 12Page - STMicroelectronics TDA7374 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CLIPPING DETECTOR
Fig 19 shows an application using the TDA7374B
in combination with the SGS-THOMSON audio-
processor TDA7302.
The output clipping is recognized by the microproc-
essor (in this application it is simulated by a PC).
The detailed way to operate of the system is rep-
resented by the flow-chart of fig.18.
The controller detects when the clipping is active
(minimun detection width fixed by a C29 = 12 nF
external capacitor), and reduces the volume (or
bass ) by step of 2 dB (with a programmable wait-
ing time), until no more clipping is detected.
Then the controller waits for a programmable time
before increasing the volume again by step of 2
dB until clipping is again detected or the panel se-
lected volume is reached.
Practical advantages of this application is a better
sound quality deriving from operation under no
clipping conditions, which also means the avail-
ability of higher undistorted power.
WHAT IS NEEDED FOR A DEMONSTRATION
- a XT or AT IBM compatible PC, supplied with
EGA card
- a SGS-THOMSON audioprocessor application disk
- a TDA 7302 + TDA7374B board
- a connector from audioprocessor board to PC
parallel port
GENERAL INFORMATION
In the application shown in fig 18 the TDA7302
audioprocessor works on PC XT or AT IBM com-
patible.
Control is accomplished by serial bus ( S-bus or
I
2C-bus or SPI bus) sent to the test board through
the PC parallel port.
The PC simulates the behaviour of the microproc-
essor in a real application (for example in a car
radio) and the buffer is necessary only in this ap-
plication for protecting the PC.
Figure: 18: Clipping Detector Control Routine
TDA7374B
10/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com