Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7376B Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7376B
Description  2 x 35W POWER AMPLIFIER FOR CAR RADIO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7376B Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7376B Datasheet HTML 1Page - STMicroelectronics TDA7376B Datasheet HTML 2Page - STMicroelectronics TDA7376B Datasheet HTML 3Page - STMicroelectronics TDA7376B Datasheet HTML 4Page - STMicroelectronics TDA7376B Datasheet HTML 5Page - STMicroelectronics TDA7376B Datasheet HTML 6Page - STMicroelectronics TDA7376B Datasheet HTML 7Page - STMicroelectronics TDA7376B Datasheet HTML 8Page - STMicroelectronics TDA7376B Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ELECTRICAL CHARACTERISTICS (Refer to the test fig. 1 and 2 circuit, Tamb =25
°C; VS = 14.4V;
f = 1KHz; RL =4
Ω; unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage
8
18
V
Id
Total Quiescent Drain Current
RL =
∞
200
mA
VOS
Output Offset Voltage
120
mV
PO
Output Power
THD = 10%
23
25
W
PO max
Max. Output Power (*)
VS = 14.4V
36
40
W
PO EIAJ
EIAJ Output Power (*)
VS = 13.7V
32
35
W
THD
Distortion
PO = 0.5 to 10W
0.03
0.3
%
CT
Cross Talk
f = 1KHz; Rg = 0
f = 10KHz; Rg = 0
80
70
dB
dB
RIN
Input Resistance
differential input
single ended input
45
40
K
Ω
K
Ω
GV
Voltage Gain
differential input
single ended input
25
25
26
26
27
27
dB
dB
∆GV
Channel Gain Balance
1
dB
EN
Input Noise Voltage
Rg = 600
Ω; ”A Weighted”
Rg = 600
Ω; 22Hz to 22KHz
3
46
µV
µV
SVR
Supply Voltage Rejection
f = 100Hz; Vr = 1Vrms;
Rg = 0
f = 10KHz; Vr = 1Vrms;
Rg = 0
45
55
dB
dB
BW
Power Bandwidth
(–3dB)
75
KHz
CMRR
Common Mode Rejection Ratio
VCM = 1Vrms input referred
60
dB
ASB
Stand-by Attenuation
VSB = 1.5V; POref =1W
80
90
dB
Vsb IN
Stand-by in Threshold
1.5
V
Vsb OUT
Stand-by out Threshold
3.5
V
Isb
Stand-by Current Consumption
100
µA
AM
Mute Attenuation
VM = 1.5V; POref =1W
85
dB
VMIN
Mute in Threshold
1.5
V
VM OUT
Mute out Threshold
3.5
V
I6
Mute pin Current
V6 = 0 to VS,; VS max. = 18V
100
µA
DDL
Distortion Detection Level (**)
3.5
%
DDOUT
Distortion Detector Output DC
Current
Output low, sinked current
(Vpin10 = 1.5V)
1mA
Output high, leakage current
(Vpin10 =VS,@ VSmax = 18V)
10
µA
(*) Saturated square wave output
(**) see figure 5 for THD setting.
The TDA7376B is equipped with a programmable
clipping distortion detector circuitry that allows to
signal out the output stage saturation by providing
a current sinking into an open collector output
(DDout) when the total harmonic distortion of the
output signal reaches the preset level. The de-
sired threshold is fixed through an external divider
that produces a proper voltage level across the
THD set pin. Fig. 5 shows the THD detection
threshold versus the THD set voltage. Since it is
essential that the THD set voltage be proportional
to the supply voltage, fig. 5 shows its value as a
fraction of VCC. The actual voltage can be com-
puted by multiplying the fraction corresponding to
the desired THD threshold by the application’s
supply voltage.
TDA7376B
5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com