Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7376B Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7376B
Description  2 x 35W POWER AMPLIFIER FOR CAR RADIO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7376B Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7376B Datasheet HTML 1Page - STMicroelectronics TDA7376B Datasheet HTML 2Page - STMicroelectronics TDA7376B Datasheet HTML 3Page - STMicroelectronics TDA7376B Datasheet HTML 4Page - STMicroelectronics TDA7376B Datasheet HTML 5Page - STMicroelectronics TDA7376B Datasheet HTML 6Page - STMicroelectronics TDA7376B Datasheet HTML 7Page - STMicroelectronics TDA7376B Datasheet HTML 8Page - STMicroelectronics TDA7376B Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TDA7376B
2 x 35W POWER AMPLIFIER FOR CAR RADIO
HIGH OUTPUT POWER CAPABILITY:
2 x 40W max./4
Ω
2 x 35W/4
Ω EIAJ
2 x 25W4
Ω @ 14.4V, 1KHz, 10%
DIFFERENTIAL INPUTS
MINIMUM EXTERNAL COMPONENT COUNT
INTERNALLY FIXED GAIN (26dB)
MUTE FUNCTION (CMOS COMPATIBLE)
AUTOMUTE AT MINIMUM SUPPLY VOLT-
AGE DETECTION
STAND-BY FUNCTION
NO AUDIBLE POP DURING MUTE AND ST-
BY OPERATIONS
CLIPPING DETECTOR WITH PROGRAMMA-
BLE DISTORTION THRESHOLD
PROTECTIONS:
SHORT CIRCUIT (OUT TO GROUND, OUT
TO
SUPPLY
VOLTAGE,
ACROSS
THE
LOAD)
OVERRATING CHIP TEMPERATURE WITH
SOFT THERMAL LIMITER
LOAD DUMP VOLTAGE
FORTUITOUS OPEN GROUND
LOUDSPEAKER DC CURRENT
ESD
DESCRIPTION
The TDA7376B is a new technology dual bridge
Audio Amplifier in Multiwatt 15 package designed
for car radio applications. Thanks to the fully com-
plementary PNP/NPN output stage configuration
the TDA7376B delivers a rail-to-rail voltage swing
with no need of bootstrap capacitors. Differential
input pairs, that will accept either single ended or
differential input signals, guarantee high noise im-
munity making the device suitable for both car ra-
dio and car boosters applications.
The audio mute control, that attenuates the out-
put signal of the audio amplifiers, suppresses pop
on - off transients and cuts any noises coming
from previous stages. The St-By control, that de-
biases the amplifiers, reduces the cost of the
power switch. The on-board programmable distor-
tion detector allows compression facility when-
ever the ampifier is overdriven, so limiting the dis-
tortion at any levels inside the presettable range.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
September 1998
®
PIN CONNECTION (Continued)
MULTIWATT15
ORDERING NUMBER: TDA7376B
1/9


Similar Part No. - TDA7376B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7376B STMICROELECTRONICS-TDA7376B Datasheet
442Kb / 15P
2 x 35 W Power amplifier for car radio
18-Sep-2013
TDA7376B STMICROELECTRONICS-TDA7376B_V01 Datasheet
442Kb / 15P
2 x 35 W Power amplifier for car radio
18-Sep-2013
More results

Similar Description - TDA7376B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7375 STMICROELECTRONICS-TDA7375 Datasheet
201Kb / 15P
2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Sep-1998
TDA7384A STMICROELECTRONICS-TDA7384A Datasheet
304Kb / 9P
4 x 35W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7391 STMICROELECTRONICS-TDA7391 Datasheet
114Kb / 8P
35W BRIDGE CAR RADIO AMPLIFIER
Oct-1998
TDA7377 STMICROELECTRONICS-TDA7377 Datasheet
254Kb / 10P
2 x 30WDUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Sep-1998
TDA7376PD STMICROELECTRONICS-TDA7376PD Datasheet
170Kb / 9P
2 X 35W POWER AMPLIFIER FOR CAR RADIO
Apr-2004
logo
Unisonic Technologies
PA7375 UTC-PA7375 Datasheet
401Kb / 10P
2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA7376PD STMICROELECTRONICS-TDA7376PD_09 Datasheet
293Kb / 14P
2 x 35 W power amplifier for car radio
11-Dec-2009
E-TDA7375V STMICROELECTRONICS-E-TDA7375V Datasheet
299Kb / 15P
2 x 35W dual/quad power amplifier for car radio
logo
Unisonic Technologies
PA7375 UTC-PA7375_15 Datasheet
401Kb / 10P
2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
logo
List of Unclassifed Man...
YD7377 ETC-YD7377 Datasheet
272Kb / 10P
2 x 30WDUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com