Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7376B Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7376B
Description  2 x 35W POWER AMPLIFIER FOR CAR RADIO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7376B Datasheet(HTML) 6 Page - STMicroelectronics

  TDA7376B Datasheet HTML 1Page - STMicroelectronics TDA7376B Datasheet HTML 2Page - STMicroelectronics TDA7376B Datasheet HTML 3Page - STMicroelectronics TDA7376B Datasheet HTML 4Page - STMicroelectronics TDA7376B Datasheet HTML 5Page - STMicroelectronics TDA7376B Datasheet HTML 6Page - STMicroelectronics TDA7376B Datasheet HTML 7Page - STMicroelectronics TDA7376B Datasheet HTML 8Page - STMicroelectronics TDA7376B Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Figure 5: Clip Detector Threshold vs. THD set.
Voltage.
Figure 7: Quiescent Current vs. Temperature
Figure 9: Ouput Power vs. Supply Voltage
Figure 6: Quiescent Current vs. Supply Voltage
Figure 8: Ouput Power vs. Supply Voltage
Figure 10: EIAJ Power vs. Supply Voltage
VS = 14.4V
RL =4
Ω
f = 1KHz
RL =4
Ω
RL =4
Ω
Vi =0
RL =4
Ω
RL = 3.2
Ω
f = 1KHz
THD = 1%
RL =4
Ω
RL = 3.2
Ω
f = 1KHz
Vi = 2.5Vrms
f = 1KHz
THD = 10%
RL =4
Ω
RL = 3.2
Ω
TDA7376B
6/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com