Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL256AT Datasheet(PDF) 5 Page - Vishay Siliconix

Part # IL256AT
Description  Optocoupler, Phototransistor Output, AC Input, with Base Connection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL256AT Datasheet(HTML) 5 Page - Vishay Siliconix

  IL256AT Datasheet HTML 1Page - Vishay Siliconix IL256AT Datasheet HTML 2Page - Vishay Siliconix IL256AT Datasheet HTML 3Page - Vishay Siliconix IL256AT Datasheet HTML 4Page - Vishay Siliconix IL256AT Datasheet HTML 5Page - Vishay Siliconix IL256AT Datasheet HTML 6Page - Vishay Siliconix IL256AT Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 83620
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.8, 08-Jan-08
5
IL256AT
Optocoupler, Phototransistor Output,
AC Input, with Base Connection
Vishay Semiconductors
PACKAGE DIMENSIONS in inches (millimeters)
0.036 (0.91)
0.014 (0.36)
0.170 (4.32)
0.045 (1.14)
0.260 (6.6)
R 0.010 (0.13)
0.050 (1.27)
i178020
ISO method A
40 °
0.240
(6.10)
0.050 (1.27) typ.
0.016 (0.41)
0.004 (0.10)
0.008 (0.20)
Lead coplanarity
± 0.001 max.
0.008
(0.20)
7°
0.120 ± 0.002
(3.05 ± 0.05)
CL
R0.010
(0.25) max.
0.040 (1.02)
5° max.
Pin one I.D.
0.154 ± 0.002
(3.91 ± 0.05)
0.015 ± 0.002
(0.38 ± 0.05)
0.230 ± 0.002
(5.84 ± 0.05)
0.020 ± 0.004
(0.51 ± 0.10)
2 plcs.
0.0585 ± 0.002
(1.49 ± 0.05)
0.125 ± 0.002
(3.18 ± 0.05)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com