Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL256AT Datasheet(PDF) 4 Page - Vishay Siliconix

Part # IL256AT
Description  Optocoupler, Phototransistor Output, AC Input, with Base Connection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL256AT Datasheet(HTML) 4 Page - Vishay Siliconix

  IL256AT Datasheet HTML 1Page - Vishay Siliconix IL256AT Datasheet HTML 2Page - Vishay Siliconix IL256AT Datasheet HTML 3Page - Vishay Siliconix IL256AT Datasheet HTML 4Page - Vishay Siliconix IL256AT Datasheet HTML 5Page - Vishay Siliconix IL256AT Datasheet HTML 6Page - Vishay Siliconix IL256AT Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83620
4
Rev. 1.8, 08-Jan-08
IL256AT
Vishay Semiconductors
Optocoupler, Phototransistor Output,
AC Input, with Base Connection
Fig. 7 - Photocurrent vs. LED Current
Fig. 8 - Base Current vs. IF and hFE
Fig. 9 - Normalized hFE vs. Base Current and Temp.
Fig. 10 - Normalized Saturated hFE vs. Base Current
Fig. 11 - Base Emitter Voltage vs. Base Current
Fig. 12 - Collector-Emitter Leakage Current vs.Temp.
iil256at_07
0.1
10
100
1000
100
10
1
0.1
25 °C
70 °C
IF - LED Current (mA)
1
iil256at_08
1
10
100
1000
700
600
500
400
300
200
100
100
10
1
0.1
IB - Base Current (µA)
V CE = 0.4 V
iil256at_09
1
10
100
1000
1.2
1.0
0.8
0.6
0.4
NHFE - 20 °C
NHFE 25 °C
NHFE 50 °C
NHFE 70 °C
IB - Base Current (µA)
Normalized to:
IB = 10 µA
VCE = 10
iil256at_10
1
10
100
1000
1.5
1.0
0.5
0.0
TA = - 20 °C
TA = 25 °C
TA = 50 °C
TA = 70 °C
IB - Base Current (µA)
Normalized to:
HFE at VCE = 10 V
ICB = 10 µA
VCE(sat) = 0.4 V
iil256at_11
0.4
0.5
0.6
0.7
0.8
1000
100
10
1
0.1
0.01
0.001
VBE - Base Emitter Voltage (V)
iil256at_12
- 20
0
20
40
60
80
100
10 5
10 4
10 3
10 2
10 1
10 0
10 -1
10 -2
TA - Ambient Temperature (°C)
Typical
VCE = 10 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com